Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 8Page - STMicroelectronics AN4501 Datasheet HTML 9Page - STMicroelectronics AN4501 Datasheet HTML 10Page - STMicroelectronics AN4501 Datasheet HTML 11Page - STMicroelectronics AN4501 Datasheet HTML 12Page - STMicroelectronics AN4501 Datasheet HTML 13Page - STMicroelectronics AN4501 Datasheet HTML 14Page - STMicroelectronics AN4501 Datasheet HTML 15Page - STMicroelectronics AN4501 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Guideline for the selection of external components
AN4501
12/48
DocID026394 Rev 1
The additional input voltage ripple caused by the ESR is:
which is indeed negligible compared to 70 mV. The sum of both contributions is below the
maximum target of 100 mV (
ΔVIN,MAX).
Step 6: Selection of the switching MOSFET
The minimum required breakdown voltage is the same as the breakdown voltage of the
diode.
A 60 V, 16 m
Ω max @ 25°C is considered.
Estimation of the switching losses
The turn-on and turn-off times of the considered MOSFET with is estimated to 20 ns.
The maximum switching losses are given by:
Calculation of the max. RMS current
The MOSFET’s maximum RMS current is estimated by:
Iterative calculation of the total power losses and of the maximum junction
temperature
Considering at maximum ambient temperature of 85°C, a thermal coefficient of the RDSON
of 0.006 K-1, 20 ns of rise and fall times and a thermal resistance of 25 K/W, an iterative
calculation leads to a junction temperature of 125°C and a RDSON of 25.6 mΩ with a
precision of 0.2 m
Ω . Refer to Section 8.3.2 for the calculation details.
This confirms that the MOSFET can operate in the worst case conditions, without exceeding
the maximum rating of the junction temperature (175°C in general).
ESR
CI N
I
L,PP,MAX
×
210
3
–
2.36
×
⋅
4.8mV
==
P
M1,SW
V
OUT
I
LM AX
,
×
F
SW
×
2
------------------------------------------------------------
t
M1,SWON
t
M1,SWOFF
+
()
×
=
P
M1,SW
26
4.81
×
450 10
3
⋅
×
2
-------------------------------------------------------
20 10
9
–
⋅
20 10
9
–
⋅
+
()
×
1.13W
==
I
M1,RMS,MAX
I
OU T
1D
MAX
–
------------------------- D
MAX
1
1
12
------
I
L,PP,VINMIN
I
L,MAX
--------------------------------


 2
+



×
=
I
M1,RMS,MAX
1.0
1
0.791
–
------------------------ 0.791
1
1
12
------
1.55
4.81
-----------

 2
+


×
4.30A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com