Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 19Page - STMicroelectronics AN4501 Datasheet HTML 20Page - STMicroelectronics AN4501 Datasheet HTML 21Page - STMicroelectronics AN4501 Datasheet HTML 22Page - STMicroelectronics AN4501 Datasheet HTML 23Page - STMicroelectronics AN4501 Datasheet HTML 24Page - STMicroelectronics AN4501 Datasheet HTML 25Page - STMicroelectronics AN4501 Datasheet HTML 26Page - STMicroelectronics AN4501 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
DocID026394 Rev 1
23/48
AN4501
Selection of the inductor
47
ringing at the drain of the MOSFET with a typical frequency of some MHz. The effect is
caused by the inductor in conjunction with the parasitic capacitances of the freewheeling
diode and of the switching MOSFET, when the inductor current is close to zero.
We propose to calculate the minimum inductance value, which guarantees an operation in
CCM over the whole input voltage range.
Figure 9. Inductor current at the boundary between CCM and DCM
The Figure 9 shows the inductor waveform at the boundary between CCM and DCM. This
condition can be expressed as: IL,PP = 2 x IL.
Using Equation 3 and Equation 5, we obtain:
where LBOUNDARY is the inductance, for which the boost converter operates at the boundary
between CCM and DCM
Extracting the inductance value yields:
Equation 15:
The expression of the derived function of LBOUNDARY over D is:
This equation shows that, for a given output voltage and output current, LCRIT reaches its
maximum for a duty cycle of 33%:
•
an operation in CCM at a duty cycle of 33% guarantees the CCM over the whole duty
cycle range
•
an inductance value higher than
ensures the operation in CCM over the whole operating range
V
OU T
D1
D
–
()
×
×
L
BOUNDARY
F
SW
×η
×
-------------------------------------------------------------
2I
×
OUT
1D
–
-----------------------
=
L
BOUNDARY
V
OUT
D1
D
–
()
2
×
×
2I
OU T
F
SW
×
×η
×
------------------------------------------------------
=
dL
BOUNDARY
dD
--------------------------------------
V
OU T
1D
–
()
13D
–
()
×
×
2I
OUT
F
SW
×
×η
×
---------------------------------------------------------------------
=
L
BOUNDARY
2V
×
OUT
27
I
OUT
F
SW
×
×η
×
-------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com