Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 14Page - STMicroelectronics AN4501 Datasheet HTML 15Page - STMicroelectronics AN4501 Datasheet HTML 16Page - STMicroelectronics AN4501 Datasheet HTML 17Page - STMicroelectronics AN4501 Datasheet HTML 18Page - STMicroelectronics AN4501 Datasheet HTML 19Page - STMicroelectronics AN4501 Datasheet HTML 20Page - STMicroelectronics AN4501 Datasheet HTML 21Page - STMicroelectronics AN4501 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Selection of the inductor
AN4501
18/48
DocID026394 Rev 1
Equation 2:
where
η is the converter efficiency.
The duty cycle is a decreasing function of VIN. In particular, the maximal duty cycle, noted
DMAX, is reached for the minimum input voltage, VIN,MIN.
The duty cycle range must be compliant with two device parameters with the device
minimum duty cycle (parameter TON_MIN, maximum specification: 14%) and maximum duty
cycle (parameter Duty Max, minimum specification: 88%)
4.2
Inductor average current
In steady state, the average current of the output capacitor over one period must be equal to
zero. Since the inductor delivers current to the load only during the converter’s off-phase
(see Figure 7), inductor current averaged during tOFF is equal to the output current:
Extracting IL from this equation gives:
Equation 3:
We can see that IL is independent from the inductor value. Moreover, the worst case
average inductor DC current is maximal for the maximal duty cycle. As a consequence, a
worst case calculation of the inductor DC current must consider VIN,MIN.
Equation 4:
with
D
ef fect ive
D1
V
IN
η
×
V
OUT
-------------------
–
==
I
L
t
OFF
T
------------
×
I
L
1D
–
()
×
I
OU T
==
I
L
I
OU T
1D
–
-------------
=
I
LMAX
,
I
OU T
1D
MAX
–
-------------------------
=
D
MAX
1
V
IN MIN
,
η
×
V
OUT,MAX
--------------------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com