Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4501 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4501
Description  Design of a boost LED driver using L99LD01
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4501 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4501 Datasheet HTML 7Page - STMicroelectronics AN4501 Datasheet HTML 8Page - STMicroelectronics AN4501 Datasheet HTML 9Page - STMicroelectronics AN4501 Datasheet HTML 10Page - STMicroelectronics AN4501 Datasheet HTML 11Page - STMicroelectronics AN4501 Datasheet HTML 12Page - STMicroelectronics AN4501 Datasheet HTML 13Page - STMicroelectronics AN4501 Datasheet HTML 14Page - STMicroelectronics AN4501 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DocID026394 Rev 1
11/48
AN4501
Guideline for the selection of external components
47
Two 4.7 µF MLCC with a voltage capability of 50 V and with an ESR of 4 m
Ω can be placed
in parallel. The resulting ESR is 2 m
Ω (ESR
COUT). The resulting maximum output current
ripple due to the bulk capacitance is:
The additional current ripple caused by the ESR is:
which is indeed negligible compared to IOUT,PP,MAX.
The total output current ripple is 62 mA, fulfilling the target.
Step 5: Selection of the input capacitor
We assume that MLCC with a very low ESR is used. The contribution of the ESR to the
input voltage ripple can be neglected as well, compared to the contribution of the charge
and discharge of the input capacitor itself.
The maximum inductor peak-to-peak current IL,PP,MAX is:
The minimum input capacitor is calculated by:
Using two 4.7 µF, 50 V input capacitor with an ESR of 4m
Ω (ESR
CIN), the maximum input
voltage ripple caused by the bulk capacitance is:
C
OUT,MIN
1
Nb
LED
R
DLED
×
--------------------------------------------
I
OUT
D
MAX
×
I
OUT,PP,MAX,TARGET
F
SW
×
--------------------------------------------------------------------------
×
=
C
OUT,MIN
1
80.4
×
-----------------
1.0
0.791
×
0.075
450 10
3
⋅
×
---------------------------------------------
×
7.34µF
==
I
OUT,PP,MAX
1
Nb
LED
R
DLED
×
--------------------------------------------
I
OUT
D
MAX
×
C
OU T
F
SW
×
------------------------------------
×
==
1
80.4
×
-----------------
1.0
0.791
×
9.4 10
6
–
⋅
450 10
3
⋅
×
-------------------------------------------------------
×
58.5mA
==
ESR
COUT
I
L,PEAK,MAX
×
Nb
LED
R
DLED
×
-------------------------------------------------------------------
210
3
–
5.59
×
⋅
80.4
×
--------------------------------------
4.7mA
==
I
L,PP,MAX
V
OUT
D
50
×
1D
50
–
()
×
LF
SW
η
×
×
---------------------------------------------------------------
26
0.5
2
×
6.8 10
6
–
450 10
3
0.9
×
⋅
×
⋅
----------------------------------------------------------------------
2.36A
==
=
C
IN,MIN
I
L,PP,MAX
8F
×
SW
V
IN,PP,MAX,TARGET
×
--------------------------------------------------------------------------------
2.36
8
450 10
3
0.100
×
⋅
×
-------------------------------------------------------
6.6µF
==
=
I
L,PP,MAX
8F
×
SW
C
IN
×
--------------------------------------
2.36
8
450 10
3
9.4 10
6
–
⋅
×
⋅
×
-----------------------------------------------------------------
70mV
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com