Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 49Page - STMicroelectronics AN4068 Datasheet HTML 50Page - STMicroelectronics AN4068 Datasheet HTML 51Page - STMicroelectronics AN4068 Datasheet HTML 52Page - STMicroelectronics AN4068 Datasheet HTML 53Page - STMicroelectronics AN4068 Datasheet HTML 54Page - STMicroelectronics AN4068 Datasheet HTML 55Page - STMicroelectronics AN4068 Datasheet HTML 56Page - STMicroelectronics AN4068 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
AN4068
FAQs and troubleshooting
Doc ID 022923 Rev 2
53/63
11
FAQs and troubleshooting
In this section the most frequently asked questions and solutions to common ST7580
reference design usage problems are described.
11.1
FAQs
●
Q: Is it possible to use ST power line transceivers on medium or high voltage AC lines?
–
A: Yes. The same circuit solution as for low-voltage AC lines can be used, provided
that the coupling interface (and particularly line transformer, power inductor and
the X1 capacitor) guarantees an adequate and safe isolation from the AC line.
●
Q: Is it possible to use the ST7580 on a DC or de-energized line?
–
A: Yes. The ST7580 can communicate over any wired connection, given that a
suitable coupling circuit is used to connect the device to the line.
●
Q: Which kinds of protocols can be used with the ST7580?
–
A: The ST7580 device has been conceived as an open protocol device and can be
used according to the application needs. The user can develop their own protocol
or use a standard one.
●
Q: Does the ST7580 reference design meet FCC part 15 specs?
–
A: Yes. In fact, the EN normative compliance intrinsically guarantees the
compliance with FCC part 15 regulations as well.
●
Q: What distance can be covered with a PLC signal?
–
A: Given a transmitted signal level of 2.5 V rms, in PSK mode the ST7580 device
is able to transmit through a channel attenuating up to 86 dB. This means that in a
point-to-point link, a distance of several km can be covered, according to the
characteristics of the line. Nevertheless, the allowable distance can be reduced
because of noisy devices and low-impedance loads connected on the power line;
such elements impact on the actual SNR seen by the receiver.
●
Q: Why, with power line communication, can I not get 100% reachability even though
the range is few meters?
–
A: A probability lower than 100% to reach a PLC node within such a small distance
can depend on two main factors:
a)
Attenuation or losses on the power line (for example because of some heavy
capacitive load connected close to the transmitter)
b)
Noise coming from electric or electronic equipment connected on the power line
(for example SMPS, ballasts, motors).
It may be useful to measure the signal level at transmitter and receiver to
understand if there are undesired losses. It is also important to measure the noise
level and spectral distribution to find out whether the PLC channel is somehow
“jammed” by noise.
●
Q: Does the power line communication work if a power distribution transformer is
present between two nodes?
–
A: The communication may work, but the transformer impedance at the signal
frequency must be taken into account, as it can introduce strong attenuation in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com