Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 37Page - STMicroelectronics AN4068 Datasheet HTML 38Page - STMicroelectronics AN4068 Datasheet HTML 39Page - STMicroelectronics AN4068 Datasheet HTML 40Page - STMicroelectronics AN4068 Datasheet HTML 41Page - STMicroelectronics AN4068 Datasheet HTML 42Page - STMicroelectronics AN4068 Datasheet HTML 43Page - STMicroelectronics AN4068 Datasheet HTML 44Page - STMicroelectronics AN4068 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
AN4068
Reference design standard tests
Doc ID 022923 Rev 2
41/63
Possible environments for this kind of application can be both indoor and outdoor:
residential, commercial and light-industrial locations. To verify the immunity of the system to
environmental electrical phenomena, a series of immunity specification standards and tests
must be applied to the power line application.
The immunity requirements for any PLC metering application, communicating in the
European A band (9-95 kHz), are listed in the EN50065-2-3 document, which refers to
EN61000 and ENV50204 for the tests to be applied [5].
These standards include surge tests, both common mode and differential mode (+/- 4 kV
peak, tR = 1.2 µs, tN = 50 µs) and fast transient (burst) tests (+/- 2 kV peak, tR = 5 ns, tH = 50
ns, repetition frequency 5 kHz).
For the application to be able to withstand such a severe electrical overstress, the line
coupling capacitor C4 must be an X1 or Y2 type part, rated for 4 kV or higher pulses.
In the case of non-metering applications, communicating outside the A band, the
requirements are listed in the EN50065-2-1 document, which sets lower pulse levels.
In addition to the line coupling capacitor, safety and robustness of the application are
guaranteed by protection devices included in the board design, such as input varistor (MOV)
and protection diodes. The effect of the protection diodes is described below.
Figure 31 and 32 show the protection against common mode disturbances. The low-drop
Schottky diodes D2 and D3 are able to quickly absorb fast transient disturbances exceeding
the supply rails.
Figure 31.
Common mode disturbance protection - positive disturbance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com