Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 17Page - STMicroelectronics AN4068 Datasheet HTML 18Page - STMicroelectronics AN4068 Datasheet HTML 19Page - STMicroelectronics AN4068 Datasheet HTML 20Page - STMicroelectronics AN4068 Datasheet HTML 21Page - STMicroelectronics AN4068 Datasheet HTML 22Page - STMicroelectronics AN4068 Datasheet HTML 23Page - STMicroelectronics AN4068 Datasheet HTML 24Page - STMicroelectronics AN4068 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
AN4068
ST7580 reference design description
Doc ID 022923 Rev 2
21/63
7.1.1
Transmission active filter
The transmission active filter is based on the ST7580 internal power amplifier (PA), whose
input and output pins are externally available to allow a filtering network tailored around the
amplifier.
For the ST7580 reference design, a 3-pole low-pass filter has been realized by cascading a
simple R-C low-pass stage and a Sallen-Key 2-pole cell.
The R16-C22 low-pass stage has a corner frequency at nearly 110 kHz for a first filtering of
the TX_OUT harmonics. The 1 nF value of C22 has been found to be the optimal value to
obtain a good filtering action without yielding unwanted capacitive load distortion on the
TX_OUT line.
The transfer function of the 2nd order Sallen-Key cell is:
Equation 1
where:
Equation 2
Equation 3
Equation 4
Figure 7 represents the measured transfer function of the transmission active filter. It shows
good rejection at signal harmonic frequencies.
1
Q
s
s
A
)
s
(
A
C
2
C
2
0
+
⋅
ω
+
ω
=
)
R
R
1
(
A
10
6
0
+
=
=4.3=12.7 db
=150 kHz
 
23
15
12
15
C
C
C
R
R
2
1
f
⋅
⋅
⋅
⋅
π
=
=1.03
 
)
A
1
(
C
R
C
R
C
R
C
C
R
R
Q
0
15
15
23
15
15
12
23
15
12
15
−
+
+
⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com