Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 16Page - STMicroelectronics AN4068 Datasheet HTML 17Page - STMicroelectronics AN4068 Datasheet HTML 18Page - STMicroelectronics AN4068 Datasheet HTML 19Page - STMicroelectronics AN4068 Datasheet HTML 20Page - STMicroelectronics AN4068 Datasheet HTML 21Page - STMicroelectronics AN4068 Datasheet HTML 22Page - STMicroelectronics AN4068 Datasheet HTML 23Page - STMicroelectronics AN4068 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
ST7580 reference design description
AN4068
20/63
Doc ID 022923 Rev 2
7.1
Line coupling section
The line coupling section is made up of four different circuits: the transmission active filter,
the reception passive filter, the power line coupling, and the zero crossing coupling.
All four sections are described below. For each section, calculations and measured behavior
are reported.
The frequency response of the filters is usually sensitive to component value tolerance.
Actual components used in the ST7580 reference design have the following tolerances: +/-
20% for the X1 capacitor and the coils, +/- 5% for SMD ceramic capacitors, +/- 1% for SMD
resistors.
To evaluate sensitivity to these possible variations, simulated responses are also included,
with a Montecarlo statistical analysis of response variation vs. spread of component value.
For the transmission active filter, C0G/NPO type capacitors are required to guarantee
linearity and stability for any signal amplitude and frequency.
Figure 6.
Line coupling section schematics
U3
EMIF06-MSD02N16(1)
MicroQFN 16L 3.5x1.2 mm
U4
STM32F103CBT6(1)
LQFP48
U5
USBLC6-2P6(1)
SOT-666
Y1
8 MHz
XTAL-HC49U
1.
ST parts on board.
Table 3.
Bill of material (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com