Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 14Page - STMicroelectronics AN4068 Datasheet HTML 15Page - STMicroelectronics AN4068 Datasheet HTML 16Page - STMicroelectronics AN4068 Datasheet HTML 17Page - STMicroelectronics AN4068 Datasheet HTML 18Page - STMicroelectronics AN4068 Datasheet HTML 19Page - STMicroelectronics AN4068 Datasheet HTML 20Page - STMicroelectronics AN4068 Datasheet HTML 21Page - STMicroelectronics AN4068 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
ST7580 reference design description
AN4068
18/63
Doc ID 022923 Rev 2
D5
LL4148
SOD80
FB1
BLM21PG331SN1
Ferrite bead SMD-0805
FB2
BLM21PG300SN1
Ferrite bead SMD-0805
FB3
BLM21PG600SN1D
Ferrite bead SMD-0805
ISO1
TLP781(GB)
Photo-coupler DIP4
JP1,JP2
Open
Jumper SMD
JP3,JP4,JP10,JP11
Close
Jumper SMD
JP5
ST7580 UART
STRIP 5x1 2.54 mm male
JP6
STM32 PLC UART
STRIP 3x1 2.54 mm male
JP7,JP8
Close
Jumper 2x1 2.54 mm male
JP9
STM32 BOOT CONFIG
Jumper 2x2 2.54 mm male 90°
JTAG1
JTAG_20P
FLAT connector 10X2 male 90°
J1
SPI2 CONNECTOR
STRIP 6x1 2.54 mm male
J2
I2C1 – UART1 CONNECTOR
STRIP 5x2 2.54 mm male 90°
L1
15 µH
EPCOS B82464-A4153K
L2
220 µH
EPCOS B82462-A4224K
Q1
2N7002
SOT23
Q3
BC847C
SOT23
RN2,RN3
10 k
Ω
RESN-CAY10
R1
NC
SMD-1206
R2
0
Ω
SMD-1206
R3,R4,R7,R8
56 k
Ω
SMD-2512
R5
150
Ω
SMD-0603
R6,R20
33 k
Ω
SMD-0402
R9,R10,R23,R30,R34,
R36,R44,R47,R48,R49,
R50,R51
10 k
Ω
SMD-0402
R11
130
Ω
SMD-0402
R12
22 k
Ω
SMD-0402
R13
330
Ω
SMD-0402
R14
3.9 k
Ω
SMD-0603
R15
5.1 k
Ω
SMD-0402
R16
1.5 k
Ω
SMD-0402
R17,R19
47 k
Ω
SMD-0402
Table 3.
Bill of material (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com