Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 19Page - STMicroelectronics AN4068 Datasheet HTML 20Page - STMicroelectronics AN4068 Datasheet HTML 21Page - STMicroelectronics AN4068 Datasheet HTML 22Page - STMicroelectronics AN4068 Datasheet HTML 23Page - STMicroelectronics AN4068 Datasheet HTML 24Page - STMicroelectronics AN4068 Datasheet HTML 25Page - STMicroelectronics AN4068 Datasheet HTML 26Page - STMicroelectronics AN4068 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
AN4068
ST7580 reference design description
Doc ID 022923 Rev 2
23/63
7.1.2
Reception passive filter
The reception filter is made up of the series of a resistor and a parallel L-C resonant. The
transfer function of the filter can be written as:
Equation 5
where RL is the DC series resistance of the inductor (in this case, about 2 Ω).
The center frequency and the quality factor of the filter can be expressed as:
Equation 6
Equation 7
It is quite evident that the quality factor and the filter selectivity depend not only on the R5
value, but also on RL. Higher RL leads to lower steepness of the resonance, while higher R5
gives higher selectivity.
The RL value impacts insertion losses in a more evident way. To evaluate the relationship
between RL and the received signal loss, the following simplified expression of
at f=fc
can be used:
Equation 8
With actual values of the components, there is a loss of about 1 dB. The same calculation
gives unitary transfer if RL is set to zero.
Looking at the first way to express the module of the transfer function, it can be seen that a
higher Q can help to keep the losses small. However, a high Q would bring the response to
a higher sensitivity of the components' tolerance.
Figure 9 shows the measured frequency response of the Rx passive filter. The filter shows a
-3 dB bandwidth equal to 65 kHz and an attenuation of less than 1 dB at fC.
 
3
2
5
L
5
3
2
5
2
3
L
5
2
3
2
5
L
2
C
L
R
R
R
s
C
L
R
L
C
R
R
s
C
L
R
R
L
s
)
s
(
R
+
+
⋅
+
+
+
⋅
=
 
3
2
3
2
5
L
5
C
C
L
2
1
C
L
R
R
R
2
1
2
1
fc
π
≅
+
π
=
ω
⋅
π
=
=80 kHz
C
2
3
L
5
3
2
5
L
C
R
R
C
L
R
Q
ω
⋅
+
=
=1.3
Rs
()
 
2
3
5
L
5
2
C
C
L
C
R
R
1
1
R
L
Q
)
f
2
j
(
R
⋅
⋅
+
=
⋅
ω
⋅
≅
π
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com