Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 43Page - STMicroelectronics AN4068 Datasheet HTML 44Page - STMicroelectronics AN4068 Datasheet HTML 45Page - STMicroelectronics AN4068 Datasheet HTML 46Page - STMicroelectronics AN4068 Datasheet HTML 47Page - STMicroelectronics AN4068 Datasheet HTML 48Page - STMicroelectronics AN4068 Datasheet HTML 49Page - STMicroelectronics AN4068 Datasheet HTML 50Page - STMicroelectronics AN4068 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
AN4068
Design guidelines
Doc ID 022923 Rev 2
47/63
An example of communication with realistic values can be used in order to understand the
point:
●
B-PSK: considering 64 bytes of payload per message, the time to transmit one
message is nearly 65 ms. Transmitting five messages per second, the duty cycle is
32.5%; at this rate, sending 100 messages takes 20 seconds. According to the model
in Figure 38, in these conditions the ZthJA reaches 16.0 °C/W, allowing maximum
dissipation PD(LIMIT) with an ambient temperature up to 66 °C.
9.3
Oscillator section
The ST7580 internal oscillator circuitry requires a crystal having a maximum load
capacitance of 20 pF and a maximum ESR of 100
Ω. It is recommended to choose a quartz
crystal with overall tolerance not greater than 150 ppm to ensure stability of carrier
frequency and digital timing.
It is very important to keep the crystal oscillator and the load capacitors as close as possible
to the device.
The resonant circuit must be far away from noise sources such as:
●
Power supply circuitry
●
Burst and surge protection
●
Mains coupling circuits
●
Any PCB track or via carrying an RF switching signal.
To properly shield and separate the oscillator section from the rest of the board, it is
recommended to use a ground plane on both sides of the PCB, filling all the area below the
crystal oscillator. No tracks or vias, except for the crystal connections, should cross the
ground plane.
Connecting the case to ground may be good practice in order to reduce the effect of
radiated signals on the oscillator.
9.4
Power supply
The power supply requirements for the ST7580 reference design are listed in Table 1.
However, the power supply circuit design is not only relevant in terms of available power.
Two points are particularly sensitive for a power line communication application:
●
The noise injected on the line
●
The input impedance of the power supply unit.
For the first point, a quasi-resonant switching mode power supply based on the ALTAIR04-
900 device has been chosen. This kind of switching controller spreads the switching
disturbances over a wide frequency range, therefore minimizing the overall disturbance
amplitude.
The second point involves the EMI input filter design. The suggested circuit in Figure 39 has
been designed to have minimum influence on the ST7580 line coupling circuit, in terms of
load impedance and linearity.
The 220 nF X2 capacitor has been put close to the bridge to avoid capacitive loading on the
ST7580 transmitted signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com