Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 44 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 40Page - STMicroelectronics AN4068 Datasheet HTML 41Page - STMicroelectronics AN4068 Datasheet HTML 42Page - STMicroelectronics AN4068 Datasheet HTML 43Page - STMicroelectronics AN4068 Datasheet HTML 44Page - STMicroelectronics AN4068 Datasheet HTML 45Page - STMicroelectronics AN4068 Datasheet HTML 46Page - STMicroelectronics AN4068 Datasheet HTML 47Page - STMicroelectronics AN4068 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
Design guidelines
AN4068
44/63
Doc ID 022923 Rev 2
An array of 4 x 4 thermal vias at 1.0 mm pitch, with a via diameter of 0.3 mm, has been
incorporated into the thermal pad, as shown in Figure 35.
To minimize the solder wicking effect due to open vias, possibly leading to poor soldering of
the QFN48 exposed pad, the via encroaching technique has been adopted (see bottom-side
image in Figure 35). The bottom-side solder resist has only small openings (nearly 0.2 mm
larger than the via drill diameter) around the vias; the reduced area of exposed copper on
the bottom reduces the amount of solder paste flowing down the vias.
Figure 35.
PCB copper dissipating area on top layer (left) and bottom layer (right) for
the ST7580 reference design board
Another important parameter for effective heat dissipation is the copper thickness for both
top and bottom layers. 1 oz copper is considered as the minimum value to ensure good
dissipation.
The bottom-side routing plays an important role too. The solid ground area of copper under
the device must be as large as possible to minimize the thermal impedance. Therefore,
traces on the bottom side must run as far as possible from the device area.
9.1.2
Ground connections
Good soldering of the ST7580 exposed pad is required also to minimize ground noise.
Being the exposed pad connected to VSSA, its cleanliness is directly related to the noise
level detected by the receiving circuitry (i.e. to the actual sensitivity level) and to the PLL
behavior.
It is very important to filter each supply pin to its respective ground: VCC to VSS, VCCA and
VDD_PLL to VSSA, VDDIO and VDD to GND.
9.2
Thermal impedance and power dissipation calculation
The relationship between junction temperature (TJ) and power dissipation during
transmission (PD) is described by the following formula:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com