Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 27Page - STMicroelectronics AN4068 Datasheet HTML 28Page - STMicroelectronics AN4068 Datasheet HTML 29Page - STMicroelectronics AN4068 Datasheet HTML 30Page - STMicroelectronics AN4068 Datasheet HTML 31Page - STMicroelectronics AN4068 Datasheet HTML 32Page - STMicroelectronics AN4068 Datasheet HTML 33Page - STMicroelectronics AN4068 Datasheet HTML 34Page - STMicroelectronics AN4068 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
AN4068
ST7580 reference design description
Doc ID 022923 Rev 2
31/63
7.2.2
Digital interfaces to the STM32
The EVALST7580-1 allows the STM32F103CB microcontroller to be accessed via its
available interfaces:
●
Serial wire/JTAG debug, that enables either a serial wire debug or a JTAG compliant
debug through the JTAG1 connector
●
USB 2.0 full speed through the mini-USB CN4 connector
●
2 SPI interfaces:
–
one is used to access an external µ-SD card with FAT32 support through the µ-SD
CN2 connector
–
the second works at 18 Mbit/s and presents the SPI signals at the J1 strip
connector
●
I2C
●
A second UART (TXD and RXD signals), in addition to the one used for the ST7580
connections.
I2C and UART signals are accessible through the same J2 double strip connector.
The NRST signal is externally accessible through a pushbutton.
An extract of the EVALST7580-1 board schematics for the digital interfaces of the STM32 is
depicted in Figure 18:
Transmitted
power line
signal levels
Analog
PA_OUT
PB1
The connection allows the STM32 to
monitor the ST7580’s PA_OUT voltage
level. The connection is realized through a
suitable partition (between two high-value
1% tolerance resistors) to properly limit
the signal level within the STM32 input
range.
CL voltage level
Analog
CL
PA0
The connection allows the STM32 to
monitor ST7580’s CL pin voltage level and
to extract information about the ST7580
output current during power line
transmission.
Table 6.
Connections between STM32F103CBT6 and ST7580 devices on EVALST80-1 board
Connection
Connection
type
ST7580 pins
STM32F103
pins
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com