Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 21Page - STMicroelectronics AN4068 Datasheet HTML 22Page - STMicroelectronics AN4068 Datasheet HTML 23Page - STMicroelectronics AN4068 Datasheet HTML 24Page - STMicroelectronics AN4068 Datasheet HTML 25Page - STMicroelectronics AN4068 Datasheet HTML 26Page - STMicroelectronics AN4068 Datasheet HTML 27Page - STMicroelectronics AN4068 Datasheet HTML 28Page - STMicroelectronics AN4068 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
AN4068
ST7580 reference design description
Doc ID 022923 Rev 2
25/63
L1 has been accurately chosen to have high saturation current (>2 A) and very low
equivalent series resistance (<0.1
Ω), to limit distortion and insertion losses even with heavy
line load.
Center frequency for the series resonance can be calculated at first approximation as:
Equation 9
provided that the capacitance of C2 is much greater than the C4 capacitance.
is the
series of L1 and the leakage inductance of the coupling transformer T1, adding about 1 µH
to L1.
The Q factor of this coupling circuit is driven by the mains line impedance: the choice of the
L1 and C4 values, however, leads to limited attenuation due to either parasitic impedance or
resonance selectivity. If loaded with 5
Ω line impedance, the coupling circuit shows a Q
factor equal to 2 and a -3 dB bandwidth of 40 kHz (typical values).
Particular attention has been paid to the choice of the line transformer. The required
characteristics are listed in Table 4. In order to have a good signal transfer and minimize the
insertion losses, it is recommended to choose a transformer with a primary (shunt)
inductance of 1 mH or greater, a leakage inductance much smaller than L1 and a total DC
resistance lower than 0.5
Ω.
The 4 kV insulation voltage requirement, the last specified parameter, is described and
codified by the EN50065-4-2 CENELEC document [2].
In Figure 11 the measured response of the whole transmission coupling, loaded with the
LISN impedance as set by the EN50065-1 document, is reported. The image highlights a
further filtering effect added by the passive L-C series resonant combined with the LISN
reactive load.
Table 4.
Line coupling transformer specifications
Parameter
Value
Turn ratio
1:1
Shunt inductance
≥ 1 mH
Leakage Inductance
≤1.5 µH
DC total resistance
≤0.5 Ω
DC saturation current
≥ 15 mA
Inter-winding capacitance
≤30 pF
Withstanding voltage
≥ 4 kV
4
'
1 C
L
2
1
fc
⋅
π
=
=85 kHz
L
′
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com