Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 23Page - STMicroelectronics AN4068 Datasheet HTML 24Page - STMicroelectronics AN4068 Datasheet HTML 25Page - STMicroelectronics AN4068 Datasheet HTML 26Page - STMicroelectronics AN4068 Datasheet HTML 27Page - STMicroelectronics AN4068 Datasheet HTML 28Page - STMicroelectronics AN4068 Datasheet HTML 29Page - STMicroelectronics AN4068 Datasheet HTML 30Page - STMicroelectronics AN4068 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
AN4068
ST7580 reference design description
Doc ID 022923 Rev 2
27/63
Figure 13.
Montecarlo simulation of the transmission line coupling response loaded
with the EN50065-1 LISN impedance
7.1.4
Zero crossing coupling
The zero crossing coupling circuit is aimed at providing a bipolar (AC) signal synchronous
with the mains network voltage to the ZC_IN pin. This signal must be centered on VSS and
limited to ± 5 V peak [1].
The isolated zero crossing circuit is realized through an optocoupler in an inverting
configuration. Neutral and phase lines are brought to the optocoupler through four 56 k
Ω, 1
W size SMD resistors in series, as represented in Figure 14. The LL4148 acts as a free-
wheeling diode during negative half-wave. The series resistors limit the photodiode input
current to nearly 1 mA rms at 230 VAC, leading to less than 250 mW of total consumption of
the solution. Having two resistors per line helps to prevent short-circuits in the case of
resistor degradation.
Figure 14.
Isolated zero crossing coupling circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com