Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 10Page - STMicroelectronics AN4068 Datasheet HTML 11Page - STMicroelectronics AN4068 Datasheet HTML 12Page - STMicroelectronics AN4068 Datasheet HTML 13Page - STMicroelectronics AN4068 Datasheet HTML 14Page - STMicroelectronics AN4068 Datasheet HTML 15Page - STMicroelectronics AN4068 Datasheet HTML 16Page - STMicroelectronics AN4068 Datasheet HTML 17Page - STMicroelectronics AN4068 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
ST7580 reference design description
AN4068
14/63
Doc ID 022923 Rev 2
7
ST7580 reference design description
The ST7580 reference design is made up of the following sections:
●
ST7580 device section
●
Line coupling section, including four subsections:
–
Transmission active filter
–
Reception passive filter
–
Power line coupling
–
Zero crossing coupling
●
STM32 microcontroller section.
The board has also six external connections:
–
AC mains (line and neutral) on CN1 connector;
–
VCC (8 to 18 V) and VDDIO (3.3 or 5 V) supply voltages on CN2 connector
–
SD storage card on CN3 micro SD connector
–
USB interface for PC connectivity on CN4 mini-USB connector
–
Digital interface on J2 (5x2 connector), collecting UART and I2C digital access to
the onboard STM32 microcontroller
–
JTAG interface for STM32 microcontroller on JTAG1 connector (10x2 connector).
Figure 3.
Board drawing with the various sections indicated
Figure 4 gives a global view of the reference design.
Table 3 lists the components chosen to realize the reference design board. All the parts
have been selected in order to obtain good performance in a real case application.
The layout of the printed circuit board is reported in Figure 44, 45, and 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com