Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 42Page - STMicroelectronics AN4068 Datasheet HTML 43Page - STMicroelectronics AN4068 Datasheet HTML 44Page - STMicroelectronics AN4068 Datasheet HTML 45Page - STMicroelectronics AN4068 Datasheet HTML 46Page - STMicroelectronics AN4068 Datasheet HTML 47Page - STMicroelectronics AN4068 Datasheet HTML 48Page - STMicroelectronics AN4068 Datasheet HTML 49Page - STMicroelectronics AN4068 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
Design guidelines
AN4068
46/63
Doc ID 022923 Rev 2
For this reason, a complete thermal analysis requires that the characteristics of the
transmission, i.e. duty cycle and duration, are taken into account, determining the value
reached by the thermal impedance and then the allowed power dissipation.
The thermal impedance as a response to dissipation at different duty cycle and duration
values can be estimated by simulating a 6-cell equivalent model obtained through the curve
fitting from Figure 37, as shown in Figure 38.
Figure 38.
Simulation model of the thermal impedance ZthJA of the ST7580 mounted
on the reference design board
The actual dissipated power PD can be calculated as:
Equation 11
where
and
. Note that power consumption by the
receiving circuitry and linear regulators is considered negligible for thermal analysis
purposes. The relationship between current absorption from the power supply (ICC) and PA
output current to the load (IOUT) is shown in Figure 2.
A transmission output level VOUT rms of 2.5 V, together with the current limit IOUT rms(LIMIT) of
1 A, corresponds to a maximum output power POUT of 2.5 W over a 1.5 Ω line load
(considering a 1
Ωcoupling series impedance in transmission at 86 kHz frequency). In these
conditions, the required dissipation results as follows:
Equation 12
Referring to the relationship between dissipated power and temperature, it can be proved
that in a continuous transmission, i.e. with ZthJA at its steady-state value of 50 °C/W, with an
ambient temperature of 25 °C, the maximum dissipation can be 2 W. However, by controlling
the transmission duty cycle and total duration it is possible to obtain a higher dissipation.
OUT
IN
D
P
P
P
−
=
P
IN
V
CC
=
I
CC
⋅
P
OUT
V
OUTrms
=
I
OUTrms
⋅
W
7
.
3
)
A
1
V
5
.
2
(
)
A
48
.
0
V
13
(
P
P
P
)
LIMIT
(
OU T
)
LIMIT
(
IN
)
LIMIT
(
D
=
⋅
−
⋅
≅
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com