Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 25Page - STMicroelectronics AN4068 Datasheet HTML 26Page - STMicroelectronics AN4068 Datasheet HTML 27Page - STMicroelectronics AN4068 Datasheet HTML 28Page - STMicroelectronics AN4068 Datasheet HTML 29Page - STMicroelectronics AN4068 Datasheet HTML 30Page - STMicroelectronics AN4068 Datasheet HTML 31Page - STMicroelectronics AN4068 Datasheet HTML 32Page - STMicroelectronics AN4068 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
AN4068
ST7580 reference design description
Doc ID 022923 Rev 2
29/63
7.2
STM32 section
The EVALST7580-1 is equipped with an STM32F103CBT6 device, a medium-density ARM-
based 32-bit microcontroller.
For complete information on device characteristics, please refer to [3] and [4].
On the EVALST7580-1 board, the STM32F103CBT6 microcontroller can be used for the
following purposes:
●
to handle the ST7580 device through direct connections
●
for external access through several interface types: USB, SPI, I2C, USART, JTAG
●
to store and read data to/from an external µ-SD card
●
to develop test functions.
On the EVALST580-1, the STM32 microcontroller shares its VDD supply voltage with the
VDDIO digital supply of the ST7580 device.
A dedicated 8 MHz crystal has been provided with two suitable load capacitors according to
recommendations in [4].
7.2.1
Direct connections between STM32 microcontroller and ST7580
The STM32F103 microcontroller provides connections to the ST7580 for both digital and
analog parts.
Figure 17 is an extract of the EVALST7580-1 board and it highlights the connections
between the two devices only:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com