Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 39Page - STMicroelectronics AN4068 Datasheet HTML 40Page - STMicroelectronics AN4068 Datasheet HTML 41Page - STMicroelectronics AN4068 Datasheet HTML 42Page - STMicroelectronics AN4068 Datasheet HTML 43Page - STMicroelectronics AN4068 Datasheet HTML 44Page - STMicroelectronics AN4068 Datasheet HTML 45Page - STMicroelectronics AN4068 Datasheet HTML 46Page - STMicroelectronics AN4068 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
AN4068
Design guidelines
Doc ID 022923 Rev 2
43/63
9
Design guidelines
9.1
PCB layout guidelines
9.1.1
Thermal performance
The ST7580 device can operate within the standard industrial temperature range, from -40
to 85 °C ambient temperature. Especially in high ambient temperature conditions, the effect
of the power dissipation of the device must be considered in order to keep it operating in
safe conditions.
Even though the ST7580 features a built-in thermal shutdown circuitry which turns off the
power amplifier (PA) when the die temperature (TJ) exceeds 150 °C, it is recommended not
to exceed 125 °C during normal operation to ensure the functionality of the IC.
A QFN48 package with exposed pad has been chosen for the ST7580 device in order to
obtain very good thermal performance. However, in order to take full advantage of this, the
PCB must be designed to effectively conduct heat away from the package.
To get a low impedance thermal path to the PCB, a 5x5 mm thermal pad has been realized
on the top layer under the device. In order to effectively remove the heat, the exposed pad
must be well soldered to the PCB thermal pad. Therefore, the out-gassing phenomenon due
to the soldering process must be controlled to reduce solder voids between the QFN48
exposed pad and the PCB thermal pad. To achieve this, smaller multiple openings in the
solder paste stencil should be used instead of one big opening on the thermal pad region.
This also has the advantage of reducing the amount of solder paste used, therefore avoiding
bridges with perimeter pads.
A suitable example for the QFN48 package is shown in Figure 34.
Figure 34.
Example of stencil openings for the QFN48 package
Another technique to improve heat conduction on the top layer is to fill all unused areas with
copper tied to the dissipating ground plane.
In order to have an effective heat transfer from the top layer of the PCB to the bottom layer,
thermal vias need to be included within the thermal pad area. If properly designed, thermal
vias are the most efficient paths for removing heat from the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com