Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 31Page - STMicroelectronics AN4068 Datasheet HTML 32Page - STMicroelectronics AN4068 Datasheet HTML 33Page - STMicroelectronics AN4068 Datasheet HTML 34Page - STMicroelectronics AN4068 Datasheet HTML 35Page - STMicroelectronics AN4068 Datasheet HTML 36Page - STMicroelectronics AN4068 Datasheet HTML 37Page - STMicroelectronics AN4068 Datasheet HTML 38Page - STMicroelectronics AN4068 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
AN4068
Reference design standard tests
Doc ID 022923 Rev 2
35/63
Figure 20.
Measured input impedance modulus of the line coupling - reception
mode (typical)
Figure 21.
Measured input impedance modulus of the line coupling - transmission
mode (typical)
8.2
Conducted emission (CE) measurements
The EN50065-1 standard describes the test setup and the procedures for these kinds
of tests [5].
The compliance tests have been performed with a 230 VAC isolated supply. Different test
conditions have been set for PSK and FSK:
●
PSK: The test pattern consists of the continuous transmission of 200 ms packets with
50% duty cycle, random payload and B-PSK modulation with 86 kHz frequency. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com