Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 7Page - STMicroelectronics AN4068 Datasheet HTML 8Page - STMicroelectronics AN4068 Datasheet HTML 9Page - STMicroelectronics AN4068 Datasheet HTML 10Page - STMicroelectronics AN4068 Datasheet HTML 11Page - STMicroelectronics AN4068 Datasheet HTML 12Page - STMicroelectronics AN4068 Datasheet HTML 13Page - STMicroelectronics AN4068 Datasheet HTML 14Page - STMicroelectronics AN4068 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
AN4068
ST7580 power line networking system-on-chip description
Doc ID 022923 Rev 2
11/63
4
ST7580 power line networking system-on-chip
description
The ST7580 is a flexible power line networking system-on-chip (SOC) combining a high
performing PHY DSP core and a protocol controller core with a fully integrated analog front-
end (AFE) and line driver for a scalable future-proof, cost effective single-chip narrow-band
power line communication solution.
The device comes with embedded firmware providing a complete physical layer (PHY) and
some data link layer (DL) services for power line communication. The ST7580 protocol
services have been developed mainly for smart metering applications using CENELEC A
band, but they are also suitable for other command and control applications.
The embedded PHY layer, hosted in a DSP engine, implements two different modulation
schemes: a B-FSK modulation up to 9.6 kbps and a multi-mode PSK modulation with
channel quality estimation, dual channel receiving mode and convolutional coding,
delivering a throughput up to 28.8 kbps.
The embedded DL layer hosted in the embedded microcontroller offers framing and error
correction services.
Communication with an external microcontroller is based on a UART host interface,
exporting all the functions and services required to configure and control the device and its
protocol stack.
For further details, please refer to [1] and [2].
Figure 2.
ST7580 block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com