Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4068 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4068
Description  ST7580 power line communication system-on-chip design guide
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4068 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4068 Datasheet HTML 13Page - STMicroelectronics AN4068 Datasheet HTML 14Page - STMicroelectronics AN4068 Datasheet HTML 15Page - STMicroelectronics AN4068 Datasheet HTML 16Page - STMicroelectronics AN4068 Datasheet HTML 17Page - STMicroelectronics AN4068 Datasheet HTML 18Page - STMicroelectronics AN4068 Datasheet HTML 19Page - STMicroelectronics AN4068 Datasheet HTML 20Page - STMicroelectronics AN4068 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
AN4068
ST7580 reference design description
Doc ID 022923 Rev 2
17/63
Table 3.
Bill of material
Reference
Value
Description
CN1
CON-MOLEX-KK100-3P
CON-MOLEX-42376-3P-90°
(pin 2 removed)
CN2
CON-MOLEX-KK100-3P
CON-MOLEX-42376-3P-90°
CN3
uSDCARD-HRS-DM3DSF
uSDCARD-HRS-DM3DSF
CN4
CN-USB
USBMB-HRS-UX60SC
C1_DC
NC
SMD-0805
C2
10 µF/50 V X5R
SMD-1206
C3
18 nF/25 V
SMD-0603
C4
220 nF X1
MKP safety capacitor - p=15 mm
C5
NC
MKP safety capacitor - p=22.5 mm
C6
10 nF/25 V
SMD-0603
C7,C10,C11,C13,C19,
C24,C26,C27,C30,C32,
C34,C35,C36,C40,C42,
C43,C45
100 nF/25 V
SMD-0402
C8
10 µF/25 V
SMD-1210
C9
4.7 pF/C0G
SMD-0402
C12,C14,C17,C41
10 µF/6.3 V
SMD-0603
C15,C18,C23,C29
100 pF/C0G
SMD-0402
C16
27 pF/C0G
SMD-0402
C20
100 nF/C0G
SMD-0402
C21,C44
100 nF/25 V
SMD-0603
C22
1 nF/C0G
SMD-0402
C25, C37
100 nF
SMD-0603
C28
10 µF/10 V
SMD-0805
C31
4.7 µF/4 V
SMD-0402
C33,C38
20 pF
SMD-0402
C39
4.7 µF/10 V (Tantalum)
SMD-3216
C46, C47
10 pF
SMD-0402
DL1,DL3
LED-green
SMD-0603
DL2,DL5
LED-red
SMD-0603
DL4
LED-yellow
SMD-0603
D1
SM6T15CA(1)
SMB
D2,D3
STPS1L30A(1)
DO214AC
D4
SM6T6V8CA(1)
SMB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com