Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 5Page - STMicroelectronics AN3142 Datasheet HTML 6Page - STMicroelectronics AN3142 Datasheet HTML 7Page - STMicroelectronics AN3142 Datasheet HTML 8Page - STMicroelectronics AN3142 Datasheet HTML 9Page - STMicroelectronics AN3142 Datasheet HTML 10Page - STMicroelectronics AN3142 Datasheet HTML 11Page - STMicroelectronics AN3142 Datasheet HTML 12Page - STMicroelectronics AN3142 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
AN3142
Designing a fixed-off-time PFC
Doc ID 17005 Rev 3
9/44
4
Designing a fixed-off-time PFC
4.1
Input specification
This first part is a detailed specification of the operating conditions of the circuit that is
needed for the following calculations in
Section 4.2 on page 11. In this example a 400 W,
wide input range mains PFC circuit has been considered. Some design criteria are also
given.
Because the PFC is a boost topology, the regulated output voltage depends strongly on the
maximum AC input voltage. In fact, for correct boost operation the output voltage must
always be higher than the input and therefore, because Vin max is Vpk, the output has been
set at 400 Vdc as the typical value. If the input voltage is higher, as typical in ballast
applications, the output voltage must be set higher accordingly. As a rule of thumb the
output voltage must be set 6/7% higher than the maximum input voltage peak.
The target efficiency and PF are set here at minimum input voltage and maximum load.
They are used for the following operating condition calculation of the PFC. Of course at high
input voltage the efficiency is higher.
Because of the narrow loop voltage bandwidth, the PFC output can face overvoltages at
startup or in case of load transients. To protect from excessive output voltage that can
overstress the output components and the load, in the L6563S a device pin (PFC_OK, pin
#6) has been dedicated to monitor the output voltage with a separate resistor divider,
selected so that the voltage at the pin reaches 2.5 V if the output voltage exceeds a preset
value (Vovp), usually larger than the maximum Vout that can be expected, also including
worst-case load/line transients.
●
Mains voltage range (VAC rms):
(1)
●
Minimum mains frequency:
(2)
●
Rated output power (W):
(3)
●
Regulated DC output voltage (Vdc)
(4)
●
Expected efficiency (%):
(5)
●
Expected power factor:
(6)
●
Maximum. output voltage (Vdc):
(7)
Vac
90
VACmin =
Vac
265
VACmax =
Hz
47
fl =
W
400
Pout =
V
400
V
out =
%
90
P
P
in
out
=
=
η
99
.
0
PF
=
V
430
V
OVP =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com