Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 18Page - STMicroelectronics AN3142 Datasheet HTML 19Page - STMicroelectronics AN3142 Datasheet HTML 20Page - STMicroelectronics AN3142 Datasheet HTML 21Page - STMicroelectronics AN3142 Datasheet HTML 22Page - STMicroelectronics AN3142 Datasheet HTML 23Page - STMicroelectronics AN3142 Datasheet HTML 24Page - STMicroelectronics AN3142 Datasheet HTML 25Page - STMicroelectronics AN3142 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
22/44
Doc ID 17005 Rev 3
Pin 2 (COMP): This pin is the output of the E/A that is fed into one of the two inputs of the
multiplier. A feedback compensation network is placed between this pin and INV (pin#1). It
must be designed with a narrow bandwidth in order to avoid the system rejecting the output
voltage ripple (100 Hz) that would bring high distortion of the input current waveform. A
theoretical criterion to define the compensation network value is to set the E/A bandwidth
(BW) from 20 to 30 Hz.
For a more complex way of compensating the FOT PFC please refer to [
1], [2], [3].
A compensated two-pole feedback network for this 400 W FOT PFC is obtained with the
following values:
to which the following open-loop transfer function and its phase function correspond.
The two bode plot charts are in reference to the PFC operating at the main voltage set point
of 265 VAC and full load. In this condition the crossover frequency is fc = 4 Hz, the phase
margin is 50° and the third harmonic distortion is under 3%.
Pin 4 (CS): Pin #4 is the inverting input of the current sense comparator. Through this pin,
the L6563S reads the instantaneous inductor current, converted in a proportional voltage by
an external sense resistor (Rs). As this signal crosses the threshold set by the multiplier
output, the PWM latch is reset and the power MOSFET is turned off. The MOSFET stays in
OFF-state until the PWM latch is set again by the ZCD signal. The pin is equipped with 150
ns leading-edge blanking for improved noise immunity.
The sense resistor value (Rs) can be calculated as follows. For the 400 W PFC it is:
Equation 44
nF
100
C
compP =
F
1
C
compS
µ
=
Ω
=
k
56
R
compS
(14)
Figure 12.
Open-loop transfer function-bode
plot
Figure 13.
Phase
-200
-100
0
100
0. 1
1
10
100
1000
f [Hz]
-200
-150
-100
0.1
1
10
100
1000
f [Hz]
max
pk
min
s
IL
Vcs
R
<
Ω
=
<
124
.
0
A
01
.
8
V
0
.
1
R
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com