Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 19Page - STMicroelectronics AN3142 Datasheet HTML 20Page - STMicroelectronics AN3142 Datasheet HTML 21Page - STMicroelectronics AN3142 Datasheet HTML 22Page - STMicroelectronics AN3142 Datasheet HTML 23Page - STMicroelectronics AN3142 Datasheet HTML 24Page - STMicroelectronics AN3142 Datasheet HTML 25Page - STMicroelectronics AN3142 Datasheet HTML 26Page - STMicroelectronics AN3142 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AN3142
Designing a fixed-off-time PFC
Doc ID 17005 Rev 3
23/44
Where:
●
ILpk: it is the maximum peak current in the inductor, calculated as described in 4.2
●
Vcsmin = 1.0 V, it is the minimum voltage admitted on the L6563S current sense (on the
datasheet).
Because the internal current sense clamping sets the maximum current that can flow in the
inductor, the maximum peak of the inductor current is calculated considering the maximum
voltage Vcsmax admitted on the L6563S (on the datasheet):
Equation 45
The calculated ILpkx is the value at which the boost inductor must not be in saturation and it
is used for calculating the inductor number of turns and air gap length.
The power dissipated by Rs is given by:
Equation 46
According to the result, for example four parallel resistors of 0.47
Ω with 1 W of power rating
can be selected.
Pin 3 (MULT): The MULT pin is the second multiplier input. It is connected, through a
resistive divider, to the rectified mains to get a sinusoidal voltage reference. The multiplier
can be described by the relationship:
Equation 47
Where:
●
VCS (Multiplier output) is the reference for the current sense (VCS_OFFSET is its offset).
●
k = 0.45 (Typ.) is the multiplier gain.
●
VCOMP is the voltage on pin 2 (E/A output).
●
VMULT is the voltage on pin 3. VFF is the second input to the multiplier for 1/V
2 function.
It compensates the control loop gain dependence on the mains voltage. The voltage at
this pin is a DC level equal to the peak voltage on the MULT pin (#3).
s
max
pksat
R
Vcs
IL
=
A
67
.
9
12
.
0
V
16
.
1
IL
pksat
=
Ω
=
2
rms
s
s
ISW
R
P
⋅
=
()
W
14
.
2
22
.
4
12
.
0
P
2
s
=
⋅
Ω
=
2
FF
MULT
COMP
m
OFFSET
_
CS
CS
V
V
)
V
5
.
2
V
(
k
V
V
⋅
−
⋅
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com