Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 27Page - STMicroelectronics AN3142 Datasheet HTML 28Page - STMicroelectronics AN3142 Datasheet HTML 29Page - STMicroelectronics AN3142 Datasheet HTML 30Page - STMicroelectronics AN3142 Datasheet HTML 31Page - STMicroelectronics AN3142 Datasheet HTML 32Page - STMicroelectronics AN3142 Datasheet HTML 33Page - STMicroelectronics AN3142 Datasheet HTML 34Page - STMicroelectronics AN3142 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AN3142
Designing a fixed-off-time PFC
Doc ID 17005 Rev 3
31/44
Equation 68
Now, by selecting a capacitor C in the hundred picofarad range or a few nanofarads, for
example a C = 220 pF, it is possible to determine the required equivalent resistance value:
Equation 69
From
Equation 62, R and R0 are found:
Equation 70
Equation 71
A commercial value R = 15 k
Ω and an R0 = 1.5 kΩ has been chosen.
Figure 19 and Figure 20 show the trend of the off-time and the switching frequency vs the
input mains voltage. The PFC inner current loop is working in the range 80 kHz-150 kHz.
Due to the tolerance of the capacitor selected C and the two discharging resistors, it is
important to take into account a variation on the switching frequency in a real board of about
± 10%.
Finally limiting resistor Rs should be selected according to the inequalities in
Equation 6:
2
min
OFF
K
)
VAC
(
T
=
τ
ns
35
.
336
17
.
11
s
76
.
3
=
µ
=
τ
C
R
eq
τ
=
Ω
=
=
k
53
.
1
pF
220
ns
35
.
336
R
eq
1
eq
K
1
R
R
−
=
Ω
=
−
Ω
=
k
79
.
15
903
.
0
1
k
53
.
1
R
1
eq
0
K
R
R
=
Ω
=
Ω
=
k
5
.
1
903
.
0
k
53
.
1
R
0
Figure 19.
Off-time vs. input mains voltage
Figure 20.
Switching frequency vs. input
mains voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com