Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 29Page - STMicroelectronics AN3142 Datasheet HTML 30Page - STMicroelectronics AN3142 Datasheet HTML 31Page - STMicroelectronics AN3142 Datasheet HTML 32Page - STMicroelectronics AN3142 Datasheet HTML 33Page - STMicroelectronics AN3142 Datasheet HTML 34Page - STMicroelectronics AN3142 Datasheet HTML 35Page - STMicroelectronics AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AN3142
Designing a fixed-off-time PFC
Doc ID 17005 Rev 3
33/44
operation of the DC-DC converter supplied by the PFC preregulator by disabling its PWM
controller. A typical use of this function is brownout protection in systems where the PFC
preregulator is the master stage. If not used, the pin is left floating.
Pin 12 (GND). This pin acts as the current return both for the signal internal circuitry and for
the gate drive current. When layouting the printed circuit board, these two paths should run
separately.
Pin 13 (GD) is the output of the driver. The pin is able to drive an external MOSFET with a
600 mA source and an 800 mA sink capability.
The high-level voltage of this pin is clamped at about 12 V to avoid excessive gate voltages
in case the pin is supplied with a high Vcc. To avoid undesired switch-on of the external
MOSFET because of some leakage current when the supply of the L6563S is below the
UVLO threshold, an internal pull-down circuit holds the pin low. The circuit guarantees 1.1 V
maximum on the pin (@ Isink = 2 mA), with Vcc > VCC_ON. This allows omitting the “bleeder”
resistor connected between the gate and the source of the external MOSFET used for this
purpose.
Pin 14 (Vcc) is the supply of the device. This pin is externally connected to the startup circuit
(usually one resistor connected to the rectified mains) and to the self-supply circuit.
Whatever the configuration of the self-supply system, a capacitor is connected between this
pin and ground.
To start the L6563S, the voltage must exceed the startup threshold (12 V typ.). Below this
value the device does not work and consumes less than 90 µA (typ.) from Vcc. This allows
the use of high value startup resistors (in the hundreds k
Ω), which reduces power
consumption and optimizes system efficiency at low load, especially in wide range mains
applications.
When operating, the current consumption (of the device only, not considering the gate drive
current) rises to a value depending on the operating conditions but never exceeding 6 mA.
The device keeps on working as long as the supply voltage is over the UVLO threshold (13
V max). If the Vcc voltage exceeds 22.5 V an internal Zener diode, 20 mA rated, is activated
in order to clamp the voltage. Please remember that during normal operation the internal
zener does not have to clamp the voltage, because in that case the power consumption of
the device increases considerably and its junction temperature increases too. The
suggested operating condition for safe operation of the device is below the minimum
clamping voltage of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com