Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics AN3142 Datasheet HTML 38Page - STMicroelectronics AN3142 Datasheet HTML 39Page - STMicroelectronics AN3142 Datasheet HTML 40Page - STMicroelectronics AN3142 Datasheet HTML 41Page - STMicroelectronics AN3142 Datasheet HTML 42Page - STMicroelectronics AN3142 Datasheet HTML 43Page - STMicroelectronics AN3142 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Reference
AN3142
42/44
Doc ID 17005 Rev 3
7
Reference
1.
“A new continuous-time model for current-mode control with constant frequency,
constant on-time and constant off-time, in CCM and DCM”, IEEE power electronics
specialists conference record, San Antonio, Texas, pp. 382-389, 1990
2.
“Current mode control”, Venable Technical Paper #5, www.venableind.com
3.
“Fixed-off-time control of PFC preregulators”, 10th european conference on power
electronics and applications, EPE2003, Toulouse, France, paper 382
4.
“L6563S, transition-mode PFC controller”, datasheet, www.st.com
5.
“Design fixed-off-time-controlled PFC preregulators with the L6562”, AN1792
6.
“400W FOT-controlled PFC preregulator with the L6563”, AN2485
7.
“A systematic approach to frequency compensation of the voltage loop in boost PFC
pre-regulator”, Abstract
8.
“400 W FOT-controlled PFC preregulator with the L6563S”, AN2994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com