Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 28Page - STMicroelectronics AN3142 Datasheet HTML 29Page - STMicroelectronics AN3142 Datasheet HTML 30Page - STMicroelectronics AN3142 Datasheet HTML 31Page - STMicroelectronics AN3142 Datasheet HTML 32Page - STMicroelectronics AN3142 Datasheet HTML 33Page - STMicroelectronics AN3142 Datasheet HTML 34Page - STMicroelectronics AN3142 Datasheet HTML 35Page - STMicroelectronics AN3142 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
32/44
Doc ID 17005 Rev 3
Equation 72
and the Speed-Up capacitor Cs using
Equation 7:
Equation 73
That means that after calculation:
Equation 74
Equation 75
For example, a commercial value of the limiting resistor of 1 k
Ω and a speed-up capacitor of
100 pF can be selected for this application.
Pin 6 (TBO): In some applications it may be advantageous to regulate the output voltage of
the PFC preregulator so that it tracks the RMS input voltage rather than at a fixed value like
in conventional boost preregulators. This is commonly referred to as the “tracking boost” or
“follower boost” approach.
With this IC the function can be realized by connecting a resistor (RT) between the TBO pin
and ground. The TBO pin presents a DC level equal to the peak of the MULT pin voltage and
is then representative of the mains RMS voltage. The resistor defines a current, equal to
V(TBO)/RT, that is internally 1:1 mirrored and sunk from the INV pin (pin 1) input of the error
amplifier. In this way, when the mains voltage increases, the voltage at the TBO pin also
increases and therefore so does the current flowing through the resistor connected between
the TBO and GND. Then a larger current is sunk by the INV pin and the output voltage of the
PFC preregulator is forced to get higher. Obviously, the output voltage moves in the opposite
direction if the input voltage decreases. To avoid undesired output voltage rise should the
mains voltage exceed the maximum specified value, the voltage at the TBO pin is clamped
at 3 V. By properly selecting the multiplier bias it is possible to set the maximum input
voltage above which input-to-output tracking ends and the output voltage becomes
constant. If this function is not used, leave the pin open: the device regulates a fixed output
voltage.
Pin 8 (PWM_LATCH): Output pin for fault signaling. During normal operation this pin
features high impedance. If a feedback failure is detected (PFC_OK > 2.5 V & INV+40 mV <
PFC_OK) the pin is asserted high. Normally, this pin is used to stop the operation of the DC-
DC converter supplied by the PFC preregulator by invoking a latched disable of its PWM
controller. If not used, the pin is left floating.
Pin 9 (PWM_STOP): Output pin for fault signaling. During normal operation this pin features
high impedance. If the IC is disabled by a voltage below 0.8 V on the RUN pin (#10) the
voltage on the pin is pulled to ground. Normally, this pin is used to temporarily stop the
V
7
.
5
V
6
.
0
V
7
.
5
V
10
k
53
.
1
Rs
k
53
.
1
V
7
.
5
mA
10
V
6
.
0
V
7
.
5
V
15
−
−
⋅
Ω
<
<
Ω
+
−
−
V
6
.
0
V
7
.
5
V
15
V
7
.
5
pF
220
Cs
−
−
⋅
<
Ω
<
<
Ω
k
1
Rs
726
pF
144
Cs
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com