Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 26Page - STMicroelectronics AN3142 Datasheet HTML 27Page - STMicroelectronics AN3142 Datasheet HTML 28Page - STMicroelectronics AN3142 Datasheet HTML 29Page - STMicroelectronics AN3142 Datasheet HTML 30Page - STMicroelectronics AN3142 Datasheet HTML 31Page - STMicroelectronics AN3142 Datasheet HTML 32Page - STMicroelectronics AN3142 Datasheet HTML 33Page - STMicroelectronics AN3142 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
30/44
Doc ID 17005 Rev 3
where 0 < K1 < 1. Through the definition of the k2 parameter the expected time constant
τ =(R//R0)C is underlined, this is necessary to achieve the desired TOFF@90 VAC.
Equation 63
Finding a way to obtain K1 and K2 means to gain the values of R and R0 and the
discharging time constant of the C capacitor.
The following part describes the mathematical way to obtain the two parameters K1 and K2.
Combining
Equation 61, Equation 62, Equation 63 with the expression of the off-time
(
Equation 5) the following expressions are obtained:
Equation 64
Equation 65
From
Equation 61 and Equation 64, solving the following equation:
Equation 66
And then substituting the K1 value into the
Equation 65 expression, the k2 parameter is
obtained:
Equation 67
From the values of K1 and K2 it is possible to calculate the time constant
τ =(R1//R2) C
necessary to achieve the desired TOFF@90 VAC:
τ
=
)
VAC
(
T
K
min
OFF
2
[]
[]
[]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
+
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⋅
+
−
−
⋅
+
⎥
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
+
⋅
+
⎥
⎥
⎥
⎥
⎥
⎦
⎤
⎢
⎢
⎢
⎢
⎢
⎣
⎡
⋅
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
−
−
⋅
⎥
⎦
⎤
⎢
⎣
⎡
+
⋅
=
ρ
−
−
F
min
mult
ZCDtrigger
k
1
1
F
min
mult
ZCDclamp
1
F
min
mult
F
min
max
min
mult
ZCDtrigger
k
1
1
F
min
max
min
mult
ZCDclamp
1
F
min
max
min
mult
1
min
mult
V
V
V
ln
)
k
(
V
V
V
)
k
1
(
V
V
ln
V
VAC
VAC
V
V
ln
)
k
(
V
VAC
VAC
V
V
)
k
1
(
V
VAC
VAC
V
ln
)
k
,
V
(
1
1
[]
[]
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟⎠
⎞
⎜⎜⎝
⎛
+
+
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⋅
+
−
−
⋅
+
⋅
−
−
=
−
F
min
mult
ZCDtrigger
k
1
1
F
min
mult
ZCDclamp
1
F
min
mult
1
1
min
mult
2
V
V
V
ln
k
V
V
V
)
k
1
(
V
V
ln
k
1
1
)
k
,
V
(
k
1
0
)
k
,
V
(
x
1
min
mult
=
ρ
−
ρ
903
.
0
K1 =
)
k
,
V
(
k
K
1
min
mult
2
2 =
17
.
11
K2 =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com