Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 12Page - STMicroelectronics AN3142 Datasheet HTML 13Page - STMicroelectronics AN3142 Datasheet HTML 14Page - STMicroelectronics AN3142 Datasheet HTML 15Page - STMicroelectronics AN3142 Datasheet HTML 16Page - STMicroelectronics AN3142 Datasheet HTML 17Page - STMicroelectronics AN3142 Datasheet HTML 18Page - STMicroelectronics AN3142 Datasheet HTML 19Page - STMicroelectronics AN3142 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
16/44
Doc ID 17005 Rev 3
Figure 8.
Switching frequency fixing the line voltage
Figure 9.
The effect of fixing off-time - boundary between DCM and CCM
The effect of fixing the off-time is generating a continuous conduction mode in the center
region of the line half-cycle between the two transition angles. Close to the zero-crossing,
the system works in discontinuous conduction mode and in transition mode at the boundary.
The inductor core size is determined assuming a peak flux density Bx ~0.25 T (depending
on the ferrite grade selected and relevant specific losses) and calculating the maximum
current according to
Equation 15 as a function of the maximum current sense pin clamping
voltage and sense resistor value.
DC and AC copper losses and ferrite losses must also be calculated to determine the
maximum temperature rise of the inductor.
Frequency modulation with the Line half period
1
10
100
1000
0
0.4
0.8
1.2
1.6
2
2.4
2.8
÷ [Linehalf period]
Switching Freq.@VacMin
Switching Freq.@VacMax
CCM
DCM
DCM
TM
TM
θ1
θ2
θ
DCM
TM
CCM
TOF F
θ1
Half Line Cycle
DCM
TM
CCM
TOF F
θ1
Half Line Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com