Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 35Page - STMicroelectronics AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics AN3142 Datasheet HTML 38Page - STMicroelectronics AN3142 Datasheet HTML 39Page - STMicroelectronics AN3142 Datasheet HTML 40Page - STMicroelectronics AN3142 Datasheet HTML 41Page - STMicroelectronics AN3142 Datasheet HTML 42Page - STMicroelectronics AN3142 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AN3142
Design example using the L6563S-FOT PFC Excel® spreadsheet
Doc ID 17005 Rev 3
39/44
Figure 28.
Excel spreadsheet FOT PFC using the L6563S (SO14-black pin out) schematic
Figure 29.
Excel spreadsheet FOT PFC using the L6563H (SO16-red pin out) schematic
The bill of materials in
Figure 30 is automatically compiled by the Excel spreadsheet.
It summarizes all selected components and some salient data.
Rz cd1
T
Rz cd2
2
21
COMP
INV
R compS 2
Cco mpP
C compS
13
0
3
8
16
6
9
14
12
5
11
8
TBO
7
4
RT
15
9
10
RUN
13
4
10
611
R Start-u p
VCC
NC
7
VFF
5
12
GND
CFF
CS
GD
PFC_OK
HVS
CIN
+
-
~
~
BRIDGE
R m ult H
R m ult L
3
to AU X
VAC IN
MULT
0
RH
RL
MOS
RSENSE
D
VOUT
COUT
ROUT L
ROUT H
ZCD
14
VCC
1
L
D1
Cz cd2
L6563S
Rz cd1
T
Rz cd2
2
21
COMP
INV
R compS 2
Cco mpP
C compS
13
0
3
8
16
6
9
14
12
5
11
8
TBO
7
4
RT
15
9
10
RUN
13
4
10
611
VCC
NC
7
VFF
5
12
GND
CFF
CS
GD
PFC_OK
HVS
CIN
+
-
~
~
BRIDGE
R m ult H
R m ult L
3
to AU X
VAC IN
MULT
0
RH
RL
MOS
RSENSE
D
VOUT
COUT
ROUT L
ROUT H
ZCD
14
VCC
1
L
D1
Cz cd2
L6563H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com