Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 21Page - STMicroelectronics AN3142 Datasheet HTML 22Page - STMicroelectronics AN3142 Datasheet HTML 23Page - STMicroelectronics AN3142 Datasheet HTML 24Page - STMicroelectronics AN3142 Datasheet HTML 25Page - STMicroelectronics AN3142 Datasheet HTML 26Page - STMicroelectronics AN3142 Datasheet HTML 27Page - STMicroelectronics AN3142 Datasheet HTML 28Page - STMicroelectronics AN3142 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
AN3142
Designing a fixed-off-time PFC
Doc ID 17005 Rev 3
25/44
Supposing there is a 60 µA current flowing into the multiplier divider the lower resistor value
can be calculated as:
Equation 50
A commercial value of 51 k
Ω for the lower resistor is selected. The upper resistor value can
now be calculated:
Equation 51
In this application example a RmultH = 6.6 M
Ω and a RmultL = 51 kΩ have been selected.
Please note that for RmultH a resistor with a suitable voltage rating (>400 V) is needed, or
more resistors in series have to be used.
The voltage on the multiplier pin with the selected component values re-calculated at
minimum line voltage is 1.1 V and at maximum line voltage is 2.99 V. Therefore the multiplier
works correctly within its linear region.
Pin 5 (voltage feed forward): The power stage gain of PFC preregulators varies with the
square of the RMS input voltage. So does the crossover frequency fc of the overall open-
loop gain because the gain has a single pole characteristic. This leads to large trade-offs in
the design. For example, setting the gain of the error amplifier to get fc = 20 Hz @ 264 VAC
means having fc 4 Hz @ 88 VAC, resulting in sluggish control dynamics. Additionally, the
slow control loop causes large transient current flow during rapid line or load changes that
are limited by the dynamics of the multiplier output. This limit is considered when selecting
the sense resistor to let the full load power pass under minimum line voltage conditions, with
some margin. But a fixed current limit allows excessive power input at high line, whereas a
fixed power limit requires the current limit to vary inversely with the line voltage. Voltage
feedforward can compensate for the gain variation with the line voltage and allow the
overcoming of all the above-mentioned issues. It consists of deriving a voltage proportional
to the input RMS voltage, feeding this voltage into a squarer/divider circuit (1/V2 corrector)
and providing the resulting signal to the multiplier that generates the current reference for
the inner current control loop (
Figure 16). In this way a change of the line voltage causes an
inversely proportional change of the half-sine amplitude at the output of the multiplier (if the
line voltage doubles the amplitude of the multiplier, output is halved and vice versa) so that
the current reference is adapted to the new operating conditions with, ideally, no need to
invoke the slow dynamics of the error amplifier. Additionally, the loop gain is constant
throughout the input voltage range, which improves dynamic behavior significantly at low
line and simplifies loop design. In fact, deriving a voltage proportional to the RMS line
voltage implies a form of integration, which has its own time constant. If it is too small the
voltage generated is affected by a considerable amount of ripple at twice the mains
frequency that causes distortion of the current reference (resulting in high THD and poor
PF); if it is too large there is a considerable delay in setting the right amount of feedforward,
resulting in excessive overshoot and undershoot of the pre-regulator's output voltage in
response to large line voltage changes. Clearly a trade-off is required. The device realizes
Ω
=
µ
=
µ
=
k
50
A
60
V
00
.
3
A
60
V
R
max
MULT
multL
Ω
=
Ω
⋅
⋅
−
=
−
=
−
−
M
319
.
6
k
51
10
8
10
8
1
R
k
k
1
R
3
3
multL
p
p
multH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com