Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 30Page - STMicroelectronics AN3142 Datasheet HTML 31Page - STMicroelectronics AN3142 Datasheet HTML 32Page - STMicroelectronics AN3142 Datasheet HTML 33Page - STMicroelectronics AN3142 Datasheet HTML 34Page - STMicroelectronics AN3142 Datasheet HTML 35Page - STMicroelectronics AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics AN3142 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
L6563H: high voltage startup transition mode PFC
AN3142
34/44
Doc ID 17005 Rev 3
5
L6563H: high voltage startup transition mode PFC
The L6563H is a new current-mode PFC controller operating in transition mode (TM) which
embeds the same features existing in the L6563S with the addition of a high voltage startup.
Package and pin-out are different as shown in
Figure 21. Pin function is the same, in this
paragraph a detailed description of the HV startup system is given.
Figure 21.
L6563H and L6563S pin-out comparison
Figure 22 shows the internal schematic of the high-voltage startup generator. It is made up
of a high-voltage N-channel FET, whose gate is biased by a 15 M resistor, with a
temperature compensated current generator connected to its source.
The HV generator is physically located on a separate chip, made with BCD off-line
technology able to withstand 700 V, controlled by a low-voltage chip, where all of the control
functions reside.
Figure 22.
High-voltage startup generator: internal schematic
With reference to the timing diagram of
Figure 23, when power is first applied to the
converter the voltage on the bulk capacitor (Vin) builds up and, at about 80 V, the HV
generator is enabled to operate (HV_EN is pulled high) so that it draws about 1 mA. This
L6563H – SO16
L6563S – SO14
L6563H
15 M
Ω
GND
HVST ART
Vcc
16
14
9
Icharge
Vcc_OK
IHV
CONTR OL
HV_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com