Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 31Page - STMicroelectronics AN3142 Datasheet HTML 32Page - STMicroelectronics AN3142 Datasheet HTML 33Page - STMicroelectronics AN3142 Datasheet HTML 34Page - STMicroelectronics AN3142 Datasheet HTML 35Page - STMicroelectronics AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics AN3142 Datasheet HTML 38Page - STMicroelectronics AN3142 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
AN3142
L6563H: high voltage startup transition mode PFC
Doc ID 17005 Rev 3
35/44
current, minus the device’s consumption, charges the bypass capacitor connected from pin
Vcc (
6) to ground and makes its voltage rise almost linearly.
Figure 23.
Timing diagram: normal power-up and power-down sequences
As the Vcc voltage reaches the startup threshold (12V typ.) the low-voltage chip starts
operating and the HV generator is cut off by the Vcc_OK signal asserted high. The device is
powered by the energy stored in the Vcc capacitor until the self-supply circuit (we assume
that it is made with an auxiliary winding in the transformer of the cascaded DC-DC converter
and a steering diode) develops a voltage high enough to sustain the operation. The residual
consumption of this circuit is just the one on the 15 M resistor (10 mW at 400 Vdc), typically
50-70 times lower, under the same conditions, as compared to a standard startup circuit
made with external dropping resistors. At converter power-down the DC-DC converter loses
regulation as soon as the input voltage is so low that either peak current or maximum duty
cycle limitation is tripped. Vcc then drops and stops IC activity as it falls below the UVLO
threshold (9.5 V typ.). The Vcc_OK signal is de-asserted as the Vcc voltage goes below a
threshold VCCrestart located at about 6 V. The HV generator can now restart. However, if Vin <
VHVstart, HV_EN is de-asserted too and the HV generator is disabled. This prevents the
converter’s restart attempts and ensures monotonic output voltage decay at power-down in
systems where brownout protection (see the relevant section) is not used. If the device
detects a fault due to feedback failure the pin PWM_LATCH is asserted high (see
Feedback
failure protection section for more details) and, in order to keep alive this signal to be
provided to the DC-DC converter, the internal VCCrestart is brought up to over the VccOff (Turn-
off threshold).
Vcc
(pin 16)
GD
HV_EN
VccON
VccOFF
Vccre sta rt
t
t
t
t
VHV
VHVstart
Icharge
0.85
t
t
Vcc_OK
Power-on
Power-off
Normal
Dc -dc l os es regulation here
Input s ource is rem ov ed here
Bulk c ap volt age
HV connect ed to
tifi d i
t
lt
Rect ifi ed input v ol tage
HV connect ed to bulk c ap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com