Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3142 Datasheet HTML 1Page - STMicroelectronics AN3142 Datasheet HTML 2Page - STMicroelectronics AN3142 Datasheet HTML 3Page - STMicroelectronics AN3142 Datasheet HTML 4Page - STMicroelectronics AN3142 Datasheet HTML 5Page - STMicroelectronics AN3142 Datasheet HTML 6Page - STMicroelectronics AN3142 Datasheet HTML 7Page - STMicroelectronics AN3142 Datasheet HTML 8Page - STMicroelectronics AN3142 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AN3142
Operation of an FOT-controlled PFC preregulator
Doc ID 17005 Rev 3
5/44
2
Operation of an FOT-controlled PFC preregulator
Figure 5 shows a block diagram of an FOT-controlled PFC preregulator. An error amplifier
(VA) compares a portion of the preregulator's output voltage Vout with a reference VREF
and generates an error signal VC proportional to their difference. VC, a DC voltage by
hypothesis, is fed into an input of the multiplier block and multiplied by a portion of the
rectified input voltage VMULT. At the output of the multiplier, there is a rectified sinusoid,
VCSREF, which has an amplitude proportional to that of VMULT and to VC, which represents
the sinusoidal reference for PWM modulation. VCSREF is fed into the inverting input of a
comparator that, on the non-inverting input, receives the voltage VCS on the sense resistor
Rsense, proportional to the current flowing through switch M (typically a MOSFET) and the L
inductor during the on-time of M. When the two voltages are equal, the comparator resets
the PWM latch and M, supposedly already ON, is switched OFF.
Figure 5.
Block diagram of an FOT-controlled PFC pre-regulator
As a result, VCSREF determines the peak current through the M and the L inductor. As
VCSREF is a rectified sinusoid, the inductor peak current is also enveloped by a rectified
sinusoid. The line current Iin is the average inductor current that is the low-frequency
component of the inductor current resulting from the low-pass filtering operated by the EMI
filter. The PWM latch output Q going high activates the timer that, after a predetermined
time in which TOFF has elapsed, sets the PWM latch, therefore turning M on and starting
another switching cycle. If TOFF is such that the inductor current does not fall to zero, the
system operates in CCM. It is apparent that FOT control requires almost the same
architecture as TM control, just the way the off-time of M is determined also changes. It is
not a difficult task to modify externally the operation of the standard TM PFC controller so
that the off-time of M is fixed. As a controller we refer to the L6563S [
4], which is suitable for
power applications of a few hundred watts because of its gate drive capability and its high
noise immunity. For a more detailed and complex description of the fixed off-time technique
and in particular the line modulated FOT, please refer to [
5].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com