Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 16Page - STMicroelectronics AN3142 Datasheet HTML 17Page - STMicroelectronics AN3142 Datasheet HTML 18Page - STMicroelectronics AN3142 Datasheet HTML 19Page - STMicroelectronics AN3142 Datasheet HTML 20Page - STMicroelectronics AN3142 Datasheet HTML 21Page - STMicroelectronics AN3142 Datasheet HTML 22Page - STMicroelectronics AN3142 Datasheet HTML 23Page - STMicroelectronics AN3142 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
20/44
Doc ID 17005 Rev 3
4.3.7
L6563S biasing circuitry
Following the dimensioning of the power components, the biasing circuitry for the L6563S is
also described here. For reference, the internal schematic of the L6563S is represented
below in
Figure 11. For more detail on the internal functions please refer to the datasheet.
Figure 11.
L6563S internal schematic
Pin 1 (INV): This pin is connected both to the inverting input of the E/A and to the OVP
circuitry. A resistive divider is connected between the boost regulated output voltage and
this pin. The internal reference on the non-inverting input of the E/A is 2.5 V (typ.), the output
voltage (Vout) of the PFC pre-regulator is set at its nominal value, by the resistors ratio of
the feedback output divider. RoutH and RoutL are then selected considering the desired
nominal output voltage and the desired output power dissipated on the output divider. For
example for a 50 mW output divider dissipation:
Equation 39
With the commercial value selected RoutH = 3MΩ:
Equation 40
mW
50
)
V
5
.
2
V
(
R
2
OUT
outH
−
=
Ω
=
−
=
M
160
.
3
mW
50
)
V
5
.
2
V
400
(
R
2
outH
1
V
5
.
2
V
R
R
out
outL
outH
−
=
159
1
V
5
.
2
V
400
R
R
outL
outH
=
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com