Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 14Page - STMicroelectronics AN3142 Datasheet HTML 15Page - STMicroelectronics AN3142 Datasheet HTML 16Page - STMicroelectronics AN3142 Datasheet HTML 17Page - STMicroelectronics AN3142 Datasheet HTML 18Page - STMicroelectronics AN3142 Datasheet HTML 19Page - STMicroelectronics AN3142 Datasheet HTML 20Page - STMicroelectronics AN3142 Datasheet HTML 21Page - STMicroelectronics AN3142 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Designing a fixed-off-time PFC
AN3142
18/44
Doc ID 17005 Rev 3
Equation 33
Where Cd is the total drain capacitance including the MOSFET and the other parasitic
capacitances such as inductor etc. At the drain node, VMOS is the drain voltage at MOSFET
turn-on.
Taking into account the frequency variation with the input line voltage and the phase angle
similar to
Equation 32, a detailed description of the capacitive losses per 1 nF of total drain
capacitance can be calculated as:
Equation 34
The total drain capacitance of the two MOSFETs is //Cd = 0.36 nF, Vout is the drain voltage
at MOSFET turn-on.
The function of the total losses of the input mains voltage is the sum of the three previous
losses from
Equation 30, Equation 32, and Equation 34, multiplied for the two parallel
MOSFET parameters:
Equation 35
From
Equation 35, using the data relevant to the MOSFET selected and calculating the
losses at VACmin and VACmax, we observe that the maximum total losses occurs at VACmin
which is 9 W. From this number and the maximum ambient temperature
(13), the total
maximum thermal resistance required to keep the junction temperature below 125°C is:
Equation 36
If the result of
Equation 36 is lower than the junction-ambient thermal resistance given in the
MOSFET datasheet for the selected device package, a heat sink must be used.
)
VAC
(
f
V
C
2
1
)
VAC
(
P
sw
MOS
2
d
cap
⋅
⋅
⋅
=
()
ϑ
⋅
ϑ
π
⋅
=
′
∫
π
d
)
,
VAC
(
f
V
1
2
1
)
VAC
(
P
0
sw
2
out
cap
)
VAC
(
P
C
)
VAC
(
P
2
t
t
)
VAC
(
P
RDS
)
VAC
(
P
cap
d
sw
fall
rise
cond
on
loss
′
⋅
+
′
⋅
⎟
⎠
⎞
⎜
⎝
⎛
+
+
′
⋅
=
)
VAC
(
P
T
C
125
R
loss
ambx
th
−
°
=
W
C
1
.
8
W
9
C
50
C
125
R
th
°
=
°
−
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com