Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 36Page - STMicroelectronics AN3142 Datasheet HTML 37Page - STMicroelectronics AN3142 Datasheet HTML 38Page - STMicroelectronics AN3142 Datasheet HTML 39Page - STMicroelectronics AN3142 Datasheet HTML 40Page - STMicroelectronics AN3142 Datasheet HTML 41Page - STMicroelectronics AN3142 Datasheet HTML 42Page - STMicroelectronics AN3142 Datasheet HTML 43Page - STMicroelectronics AN3142 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
Design example using the L6563S-FOT PFC Excel® spreadsheet
AN3142
40/44
Doc ID 17005 Rev 3
Figure 30.
Excel spreadsheet BOM
In AN2994 (400 W FOT-controlled PFC preregulator with the L6563S), an evaluation board
based on the transition-mode PFC controller L6563S is described and presents the results
of its bench evaluation.
400
W FOT PFC BASED ON L6563S/H
BILL OF MATERIAL
Selected
Value
Unit
[ ]
BRIDGE RECTIFIER
D15XB60
MOSFET P/N
2 x STP12NM50PF
DIODE P/N
STTH8R06
Inductor
L
500
µH
Max peak Inductor current
Ilpkx
9.67
A
Sense resistor
Rsx
0.12
Ω
Power dissipation
Ps
2.14
W
INPUT Capacitor
Cin
1
µF
OUTPUT Capacitor
Cout
330
µF
Pin3 - MULT Divider
Rmult L
51
k
Ω
Rmult H
6600
k
Ω
ZCD FOT circuit
Rzcd1
15
k
Ω
Rzcd2
1
k
Ω
Rzcd3
1.5
k
Ω
Czcd1
220
pF
Czcd2
100
pF
Diode P/N
1N4148
pnp-BJT P/N
BC857C
Feedback Divider
RoutH
3000
k
Ω
RoutL
18.8
k
Ω
Output divider for
PFC_OK
RL
51
k
Ω
RH
8800
k
Ω
Compensation Network
CcompP
100
nF
CcompS
1000
nF
RcompS
56
k
Ω
Voltage Feedforward
CFF
1000
nF
RFF1
1000
k
Ω
RFF2
56
k
Ω
IC Controller
L6563S/H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com