Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3142 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3142
Description  Solution for designing a 400 W fixed-off-time controlled
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3142 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3142 Datasheet HTML 17Page - STMicroelectronics AN3142 Datasheet HTML 18Page - STMicroelectronics AN3142 Datasheet HTML 19Page - STMicroelectronics AN3142 Datasheet HTML 20Page - STMicroelectronics AN3142 Datasheet HTML 21Page - STMicroelectronics AN3142 Datasheet HTML 22Page - STMicroelectronics AN3142 Datasheet HTML 23Page - STMicroelectronics AN3142 Datasheet HTML 24Page - STMicroelectronics AN3142 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AN3142
Designing a fixed-off-time PFC
Doc ID 17005 Rev 3
21/44
Equation 41
RoutL = 62 kΩ in parallel to a 27 kΩ can be selected. Please note that for RoutH a resistor
with a suitable voltage rating (>400 V) is needed, or more resistors in series have to be
used.
Pin 7 (PFC_OK - feedback failure protection) The PFC_OK pin has been dedicated to
monitor the output voltage with a separate resistor divider. This divider is selected so that
the voltage at the pin reaches 2.5 V if the output voltage exceeds a preset value (Vovp),
usually larger than the maximum Vout that can be expected, including also worst-case
load/line transients. For a maximum output voltage Vout max of 430 V and imaging a 50 µA
current flowing into the divider:
Equation 42
By selecting a commercial value of 51k
Ω:
Equation 43
Connecting in series two 3.3 M
Ω resistors and one 2.2 MΩ resistor a total value of 8.8 MΩ
can be obtained.
Notice that both feedback dividers connected to the L6563S pin #1 (INV) and pin #7
(PFC_OK) can be selected without any constraints. The unique criterion is that both dividers
have to sink a current from the output bus which needs to be significantly higher than the
current biasing the error amplifier and PFC_OK comparator.
The OVP function described above can handle “normal” over-voltage conditions, that is,
those resulting from an abrupt load/line change or occurring at start-up. If the over-voltage is
generated by a feedback disconnection for instance, when one of the upper resistors of the
output divider fails to open, an additional circuitry detects the voltage drop of pin INV. If the
voltage on pin INV is lower than 1.66V (Typ.) and at same time the OVP is active, a feedback
failure is assumed.
Therefore, the gate drive activity is immediately stopped, the device is shut down, its
quiescent consumption is reduced to below 180 µA and the condition is latched as long as
the supply voltage of the IC is above the UVLO threshold. To restart the system it is
necessary to recycle the input power, so that the Vcc voltage of the L6563S goes below 6 V
and that one of the PWM controllers goes below its UVLO threshold. Note that this function
offers complete protection not only against feedback loop failures or erroneous settings, but
also against a failure of the protection itself. Either resistor of the PFC_OK divider failing
short or open or a PFC_OK pin floating results in shutting down the IC and stopping the
preregulator. Moreover, the PFC_OK pin doubles its function as a not-latched IC disable: a
voltage below 0.23 V shuts down the IC, reducing its consumption to below 2 mA. To restart
the IC simply let the voltage at the pin go above 0.27 V.
159
R
R
outH
outL =
Ω
=
Ω
=
k
8
.
18
159
M
3
R
outL
divider
OK
_
PFC
_
REF
L
I
V
R
=
Ω
=
µ
=
k
50
A
50
V
5
.
2
R
L
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
⋅
=
1
V
V
R
R
OK
_
PFC
_
REF
MAX
_
OUT
L
H
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
−
⋅
Ω
=
M
721
.
8
1
V
5
.
2
V
430
k
51
RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com