Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 3Page - STMicroelectronics AN3308 Datasheet HTML 4Page - STMicroelectronics AN3308 Datasheet HTML 5Page - STMicroelectronics AN3308 Datasheet HTML 6Page - STMicroelectronics AN3308 Datasheet HTML 7Page - STMicroelectronics AN3308 Datasheet HTML 8Page - STMicroelectronics AN3308 Datasheet HTML 9Page - STMicroelectronics AN3308 Datasheet HTML 10Page - STMicroelectronics AN3308 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
1
Registers table
Table 1.
Registers table
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
STATUS_REG_AUX
07h
321OR
3OR
2OR
1OR
321DA
3DA
2DA
1DA
OUT_ADC1_L
08h
A1D7
A1D6
A1D5
A1D4
A1D3
A1D2
A1D1
A1D0
OUT_ADC1_H
09h
A1D15
A1D14
A1D13
A1D12
A1D11
A1D10
A1D9
A1D8
OUT_ADC2_L
0Ah
A2D7
A2D6
A2D5
A2D4
A2D3
A2D2
A2D1
A2D0
OUT_ADC2_H
0Bh
A2D15
A2D14
A2D13
A2D12
A2D11
A2D10
A2D9
A2D8
OUT_ADC3_L
0Ch
A3D7
A3D6
A3D5
A3D4
A3D3
A3D2
A3D1
A3D0
OUT_ADC3_H
0Dh
3A3D15
C2
A3D13
A3D12
A3D11
A3D10
A3D9
A3D8
INT_COUNTER_REG
0Eh
C7
C6C5
C4C3C2
C1
C0
WHO_AM_I
0Fh
0
01100
1
1
TEMP_CFG_REG
1Fh
ADC_PD
TEMP_EN
0
0
0
0
0
0
CTRL_REG1
20h
ODR3
ODR2
ODR1
ODR0
LPen
Zen
Yen
Xen
CTRL_REG2
21h
HPM1
HPM0
HPCF2
HPCF1
FDS
HPCLICK
HPIS2
HPIS1
CTRL_REG3
22h
I1_CLICK
I1_AOI1
0
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
-
CTRL_REG4
23h
BDU
BLE
FS1
FS0
HR
ST1
ST0
SIM
CTRL_REG5
24h
BOOT
FIFO_EN
-
-
LIR_INT1
D4D_INT1
0
0
CTRL_REG6
25h
I2_CLICKen
I2_INT1
0
BOOT_I1
0
-
H_LACTIVE
-
REFERENCE
26h
REF7
REF6
REF5
REF4
REF3
REF2
REF1
REF0
STATUS_REG2
27h
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
OUT_X_L
28h
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
OUT_X_H
29h
XD15
XD14
XD13
XD12
XD11
XD10
XD9
XD8
OUT_Y_L
2Ah
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0
OUT_Y_H
2Bh
YD15
YD14
YD13
YD12
YD11
YD10
YD9
YD8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com