Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 5Page - STMicroelectronics AN3308 Datasheet HTML 6Page - STMicroelectronics AN3308 Datasheet HTML 7Page - STMicroelectronics AN3308 Datasheet HTML 8Page - STMicroelectronics AN3308 Datasheet HTML 9Page - STMicroelectronics AN3308 Datasheet HTML 10Page - STMicroelectronics AN3308 Datasheet HTML 11Page - STMicroelectronics AN3308 Datasheet HTML 12Page - STMicroelectronics AN3308 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
AN3308
Operating modes
Doc ID 18198 Rev 1
9/52
2
Operating modes
The LIS3DH provides three different operating modes, respectively reported as power-down
mode, normal mode, and low power mode. While normal mode guarantees higher
resolution, low power mode further reduces the current consumption.
After power supply is applied, the LIS3DH performs a 5 ms boot procedure to load the
trimming parameter. After the boot is completed, the device is automatically configured in
power-down mode.
Referring to the LIS3DH datasheet, output data rate (ODR) and low power enable (LPen)
bits of CTRL_REG1 and HR bits of CTRL_REG4 are used to select the operating modes
(power-down mode, normal mode and low power mode) and output data rate (Table 2 and
Table 3).
Table 4 shows the typical values of the power consumption for the different operating
modes.
Table 2.
Operating mode selection
Operating mode
CTRL_REG1[3]
(LPen bit)
CTRL_REG4[3]
(HR bit)
BW [Hz]
Turn-on time
[ms]
Low power mode
1
0
ODR/2
1
Normal mode
0
1
ODR/9
7/ODR
Table 3.
Data rate configuration
ODR3
ODR2
ODR1
ODR0
Power mode selection
0000
Power-down mode
0001
Normal/low power mode (1 Hz)
0010
Normal/low power mode (10 Hz)
0011
Normal/low power mode (25 Hz)
0100
Normal/low power mode (50 Hz)
0101
Normal/low power mode (100 Hz)
0110
Normal/low power mode (200 Hz)
0111
Normal/low power mode (400 Hz)
1000
Low power mode (1.5 kHz)
1001
Normal (1.250 kHz)/low power mode (5 kHz)
Table 4.
Power consumption (
μA)
ODR(Hz)
Normal mode (
μA)
Low power mode (
μA)
Power-down
0.4
0.4
12
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com