Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 12Page - STMicroelectronics AN3308 Datasheet HTML 13Page - STMicroelectronics AN3308 Datasheet HTML 14Page - STMicroelectronics AN3308 Datasheet HTML 15Page - STMicroelectronics AN3308 Datasheet HTML 16Page - STMicroelectronics AN3308 Datasheet HTML 17Page - STMicroelectronics AN3308 Datasheet HTML 18Page - STMicroelectronics AN3308 Datasheet HTML 19Page - STMicroelectronics AN3308 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
High-pass filter
AN3308
16/52
Doc ID 18198 Rev 1
4.1.1
Normal mode
In this configuration the high-pass filter can be reset reading the reference register, instantly
deleting the DC component of the acceleration.
Figure 3.
HP_FILTER_RESET readings
4.1.2
Reference mode
In this configuration the output data is calculated as the difference between the input
acceleration and the content of the reference register. This register is in 2’ complement
representation and the value of 1 LSB of these 7-bit registers depends on the selected full
scale (Table 9).
Table 8.
Low power mode - high-pass filter cut-off frequency [Hz]
HPC
ft [Hz]
@ 1Hz
ft [Hz]
@ 10Hz
ft [Hz]
@ 25Hz
ft [Hz]
@ 50Hz
ft [Hz]
@
100Hz
ft [Hz]
@
200Hz
ft [Hz]
@
400Hz
ft [Hz]
@ 1.6
kHz
ft [Hz]
@ 5 kHz
00
0.02
0.2
0.5
1
2
4
8
32
100
01
0.008
0.08
0.2
0.5
1
2
4
16
50
10
0.004
0.04
0.1
0.2
0.5
1
2
8
25
11
0.002
0.02
0.05
0.1
0.2
0.5
1
4
12
Table 9.
Reference mode LSB value
Full scale
Reference mode LSB value (mg)
2~16
4~31
8~63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com