Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 37Page - STMicroelectronics AN3308 Datasheet HTML 38Page - STMicroelectronics AN3308 Datasheet HTML 39Page - STMicroelectronics AN3308 Datasheet HTML 40Page - STMicroelectronics AN3308 Datasheet HTML 41Page - STMicroelectronics AN3308 Datasheet HTML 42Page - STMicroelectronics AN3308 Datasheet HTML 43Page - STMicroelectronics AN3308 Datasheet HTML 44Page - STMicroelectronics AN3308 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
AN3308
First in first out (FIFO) buffer
Doc ID 18198 Rev 1
41/52
Figure 23.
FIFO_EN connection block diagram
9.2.2
FIFO control register (0x2E)
This register is dedicated to FIFO mode selection and watermark configuration.
FM[1:0] bits are dedicated to define the FIFO buffer behavior selection:
1.
FM[1:0] = (0,0): Bypass mode
2.
FM[1:0] = (0,1): FIFO mode
3.
FM[1:0] = (1,0): Stream mode
4.
FM[1:0] = (1,1): Stream-to-FIFO mode
The trigger used to activate stream-to-FIFO mode is related to the IA bit value of the
selected INT1_SRC register and does not depend on the interrupt pin value and polarity.
The trigger is generated also if the selected interrupt is not driven to an interrupt pin.
FTH[4:0] bits are intended to define the watermark level; when FIFO content exceeds this
value the WTM bit is set to “1” in the FIFO source register.
Table 36.
FIFO_CTRL_REG
b7
b6
b5
b4
b3
b2
b1
b0
FM1
FM0
0
FTH4
FTH3
FTH2
FTH1
FTH0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com