Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 10Page - STMicroelectronics AN3308 Datasheet HTML 11Page - STMicroelectronics AN3308 Datasheet HTML 12Page - STMicroelectronics AN3308 Datasheet HTML 13Page - STMicroelectronics AN3308 Datasheet HTML 14Page - STMicroelectronics AN3308 Datasheet HTML 15Page - STMicroelectronics AN3308 Datasheet HTML 16Page - STMicroelectronics AN3308 Datasheet HTML 17Page - STMicroelectronics AN3308 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Startup sequence
AN3308
14/52
Doc ID 18198 Rev 1
3.2
Understanding acceleration data
The measured acceleration data are sent to OUTX_H, OUTX_L, OUTY_H, OUTY_L,
OUTZ_H, and OUTZ_L registers. These registers contain, respectively, the most significant
part and the least significant part of the acceleration signals acting on the X, Y, and Z axes.
The complete acceleration data for the X (Y, Z) channel is given by the concatenation
OUTX_H & OUTX_L (OUTY_H & OUTY_L, OUTZ_H & OUTZ_L) and it is expressed as a
2’s complement number.
3.2.1
Data alignment
Acceleration data are represented as 16-bit numbers and are left justified.
3.2.2
Big-little endian selection
The LIS3DH allows to swap the content of the lower and the upper part of the acceleration
registers (i.e. OUTX_H with OUTX_L), to be compliant with both little-endian and big-endian
data representations.
“Little Endian” means that the low-order byte of the number is stored in memory at the
lowest address, and the high-order byte at the highest address. (The little end comes first).
This mode corresponds to bit BLE in CTRL_REG4 reset to 0 (default configuration).
On the contrary, “Big Endian” means that the high-order byte of the number is stored in
memory at the lowest address, and the low-order byte at the highest address.
3.2.3
Example of acceleration data
Table 6 provides a few basic examples of the data that is read in the data-registers when the
device is subject to a given acceleration. The values listed in the table are given under the
hypothesis of perfect device calibration (i.e. no offset, no gain error,....) and practically show
the effect of the BLE bit.
Table 6.
Output data registers content vs. acceleration (FS = 2 g)
Acceleration
values
BLE = 0
BLE = 1
Register address
28h
29h
28h
29h
0 g
00h
00h
00h
00h
350 mg
E0h
15h
15h
E0h
1 g
00h
04h
04h
00h
-350 mg
20h
EAh
EAh
20h
-1g
00h
C0h
C0h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com