Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 31Page - STMicroelectronics AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics AN3308 Datasheet HTML 34Page - STMicroelectronics AN3308 Datasheet HTML 35Page - STMicroelectronics AN3308 Datasheet HTML 36Page - STMicroelectronics AN3308 Datasheet HTML 37Page - STMicroelectronics AN3308 Datasheet HTML 38Page - STMicroelectronics AN3308 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AN3308
Click and double click recognition
Doc ID 18198 Rev 1
35/52
8.3.6
TIME WINDOW (3Dh)
1 LSB = 1/ODR.
TW7 throughTW0 define the maximum interval of time that can elapse after the end of the
latency interval in which the click detection procedure can start, in cases where the device is
configured for double click detection.
8.3.7
CTRL_REG3 [Interrupt CTRL register] (22h)
8.4
Examples
The following figures show the click interrupt generation in different conditions. The
illustrations have been captured on a PC running the demonstration kit GUI interface with
ODR set to 400 Hz and full scale to 4 g. The content of the LIS3DH registers have been
modified via the dedicated panel of the software interface that allows the user to evaluate all
the different settings and features of the click embedded function. In the following examples,
only the X axis has been enabled for the click interrupt generation.
Table 29.
TIME_WINDOW description
TW7
TW6
TW5
TW4
TW3
TW2
TW1
TW0
Table 30.
TIME_LATENCY description
TW7-TW0
Tap-Tap Time Window
Table 31.
CTRL_REG3 register
I1_TAP
I1_INT1
-
I1_DRDY1
I1_DRDY2
I1_WTM
I1_OVERRUN
-
Table 32.
CTRL_REG3 description
I1_TAP
Tap interrupt on INT1. Default value 0.
(0: disable; 1: enable)
I1_INT1
Interrupt generator 1 on INT1 pin. Default value 0.
(0: disable; 1: enable)
I1_DRDY1
DRDY1 interrupt on INT1. Default value 0.
(0: disable; 1: enable)
I1_DRDY2
DRDY2 interrupt on INT1. Default value 0.
(0: disable; 1: enable)
I1_WTM
FIFO watermark interrupt on INT1. Default value 0.
(0: disable; 1: enable)
I1_OVERRUN
FIFO overrun interrupt on INT1. Default value 0.
(0: disable; 1: enable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com