Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 28Page - STMicroelectronics AN3308 Datasheet HTML 29Page - STMicroelectronics AN3308 Datasheet HTML 30Page - STMicroelectronics AN3308 Datasheet HTML 31Page - STMicroelectronics AN3308 Datasheet HTML 32Page - STMicroelectronics AN3308 Datasheet HTML 33Page - STMicroelectronics AN3308 Datasheet HTML 34Page - STMicroelectronics AN3308 Datasheet HTML 35Page - STMicroelectronics AN3308 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Click and double click recognition
AN3308
32/52
Doc ID 18198 Rev 1
Figure 16.
Double click recognition
In Figure 16(a) the double click event has been correctly recognized, while in Figure 16(b)
the interrupt has not been generated because the input acceleration exceeds the threshold
after the window interval has expired.
8.3
Register description
8.3.1
TAP_CFG (38h)
(a)
(b)
Table 18.
TAP_CFG register
-
-
ZD
ZS
YD
YS
XD
XS
Table 19.
TAP_CFG description
ZD
Enable interrupt double tap-tap on Z axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
ZS
Enable interrupt single tap-tap on Z axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
YD
Enable interrupt double tap-tap on Y axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)
YS
Enable interrupt single tap-tap on Y axis. Default value: 0
(0: disable interrupt request; 1: enable interrupt request on measured accel. value
higher than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com