Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 9Page - STMicroelectronics AN3308 Datasheet HTML 10Page - STMicroelectronics AN3308 Datasheet HTML 11Page - STMicroelectronics AN3308 Datasheet HTML 12Page - STMicroelectronics AN3308 Datasheet HTML 13Page - STMicroelectronics AN3308 Datasheet HTML 14Page - STMicroelectronics AN3308 Datasheet HTML 15Page - STMicroelectronics AN3308 Datasheet HTML 16Page - STMicroelectronics AN3308 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AN3308
Startup sequence
Doc ID 18198 Rev 1
13/52
The check performed at step 3 allows to understand whether the reading rate is adequate
compared to the data production rate. In case one or more acceleration samples have been
overwritten by new data, because of a too slow reading rate, the ZYXOR bit of
STATUS_REG is set to 1.
The overrun bits are automatically cleared when all the data present inside the device have
been read and new data have not been produced in the meantime.
3.1.2
Using the data-ready (DRY) signal
The device may be configured to have one HW signal to determinate when a new set of
measurement data is available for reading. This signal is represented by the XYZDA bit of
STATUS_REG. The signal can be driven to INT1 pin by setting the I1_DRDY1 bit of
CTRL_REG3 to 1 and its polarity set to active-low or active-high through the H_LACTIVE bit
of CTRL_REG6.
The data-ready signal rises to 1 when a new set of acceleration data has been generated
and it is available for reading.The interrupt is reset when the higher part of the data of all the
enabled channels has been read (29h, 2Bh, 2Dh).
Figure 1.
Data ready signal
3.1.3
Using the block data update (BDU) feature
If the reading of the acceleration data is particularly slow and cannot be synchronized (or it
is not required) with either the XYZDA bit present inside the STATUS_REG or with the RDY
signal, it is strongly recommended to set the BDU (block data update) bit in CTRL_REG4 to
1.
This feature avoids the reading of values (most significant and least significant parts of the
acceleration data) related to different samples. In particular, when the BDU is activated, the
data registers related to each channel always contain the most recent acceleration data
produced by the device, but, in case the reading of a given pair (i.e. OUT_X_H and
OUT_X_L, OUT_Y_H and OUT-Y_L, OUT_Z_H and OUT_Z_L) is initiated, the refresh for
that pair is blocked until both MSB and LSB parts of the data are read.
Note:
BDU only guarantees that OUT_X(Y, Z)_L and OUT_X(X,Z)_H have been sampled at the
same moment. For example, if the reading speed is too low, it may read X and Y sampled at
T1 and Z sampled at T2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com