Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 8Page - STMicroelectronics AN3308 Datasheet HTML 9Page - STMicroelectronics AN3308 Datasheet HTML 10Page - STMicroelectronics AN3308 Datasheet HTML 11Page - STMicroelectronics AN3308 Datasheet HTML 12Page - STMicroelectronics AN3308 Datasheet HTML 13Page - STMicroelectronics AN3308 Datasheet HTML 14Page - STMicroelectronics AN3308 Datasheet HTML 15Page - STMicroelectronics AN3308 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Startup sequence
AN3308
12/52
Doc ID 18198 Rev 1
3
Startup sequence
Once the device is powered-up, it automatically downloads the calibration coefficients from
the embedded flash to the internal registers. When the boot procedure is completed, i.e.
after approximately 5 milliseconds, the device automatically enters power-down mode. To
turn on the device and gather acceleration data, it is necessary to select one of the
operating modes through CTRL_REG1 and to enable at least one of the axes.
The following general purpose sequence can be used to configure the device:
3.1
Reading acceleration data
3.1.1
Using the status register
The device is provided with a STATUS_REG which should be polled to check when a new
set of data is available. The reading procedure should be the following:
1.
Write CTRL_REG1
2.
Write CTRL_REG2
3.
Write CTRL_REG3
4.
Write CTRL_REG4
5.
Write CTRL_REG5
6.
Write CTRL_REG6
7.
Write Reference
8.
Write INT1_THS
9.
Write INT1_DUR
10. Write INT1_CFG
11. Write CTRL_REG5
1.
Read STATUS_REG
2.
If STATUS_REG(3) = 0 then go to 1
3.
If STATUS_REG(7) = 1 then some data have been overwritten
4.
Read OUTX_L
5.
Read OUTX_H
6.
Read OUTY_L
7.
Read OUTY_H
8.
Read OUTZ_L
9.
Read OUTZ_H
10. Data processing
11. Go to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com