Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3308 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN3308
Description  This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3308 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN3308 Datasheet HTML 44Page - STMicroelectronics AN3308 Datasheet HTML 45Page - STMicroelectronics AN3308 Datasheet HTML 46Page - STMicroelectronics AN3308 Datasheet HTML 47Page - STMicroelectronics AN3308 Datasheet HTML 48Page - STMicroelectronics AN3308 Datasheet HTML 49Page - STMicroelectronics AN3308 Datasheet HTML 50Page - STMicroelectronics AN3308 Datasheet HTML 51Page - STMicroelectronics AN3308 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
Auxiliary ADC
AN3308
50/52
Doc ID 18198 Rev 1
10
Auxiliary ADC
The LIS3DH is provided with an auxiliary 10-bit ADC converter multiplexed on the ADC1,
ADC2, and ADC3 input pins of the device, therefore allowing the conversion of external
analog signals, such as analog output gyroscopes, to the digital world. The digitized data
can then be read from the device by reading registers OUT_ADC1_L, OUT_ADC1_H,
OUT_ADC2_L, OUT_ADC2_H, OUT_ADC3_L, and OUT_ADC3_H. The conversion status
is reported in the STATUS_AUX (07h) register; when auxiliary ADC data are ready, the
321DA bit of the STATUS_AUX register is set to 1.
The status of the 321DA bit can be driven to the INT1 pad by setting the I1_DRY2 bit of
CTRL_REG3 to 1.
The auxiliary ADC is enabled by setting the ADC_PD bit of TEMP_CFG_REG (1Fh) to 1.
10.1
Temperature sensor
The LIS3DH is supplied with an internal temperature sensor. Temperature data can be
enabled by setting the TEMP_EN bit of the TEMP_CFG_REG register to 1. When the
auxiliary ADC and temperature sensor are enabled, the third channel of the ADC is used to
digitize temperature sensor output and can be read inside the OUT_3_L and OUT_3_H
registers as 2’s complement data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com